Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST25R3910 Datasheet(PDF) 25 Page - STMicroelectronics

Part # ST25R3910
Description  AM/PM demodulator
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3910 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button ST25R3910 Datasheet HTML 21Page - STMicroelectronics ST25R3910 Datasheet HTML 22Page - STMicroelectronics ST25R3910 Datasheet HTML 23Page - STMicroelectronics ST25R3910 Datasheet HTML 24Page - STMicroelectronics ST25R3910 Datasheet HTML 25Page - STMicroelectronics ST25R3910 Datasheet HTML 26Page - STMicroelectronics ST25R3910 Datasheet HTML 27Page - STMicroelectronics ST25R3910 Datasheet HTML 28Page - STMicroelectronics ST25R3910 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 65 page
background image
DocID029768 Rev 2
25/65
ST25R3910
Functional overview
35
NFC transmit commands
The NFC transmit commands (NFC transmit with Initial RF Collision Avoidance, NFC
transmit with Response RF Collision Avoidance, NFC transmit with Response RF Collision
Avoidance with n=0) are used to transmit requests and responses in the NFC mode. Before
actual transmission the RF Collision avoidance with Collision avoidance threshold defined in
the NFCIP Field Detection Threshold Register is performed.
In the command NFC transmit with Response RF Collision Avoidance n is randomly set in a
range from 0 to 3, while in the command NFC transmit with Response RF Collision
Avoidance with n=0 it is set to 0. In case collision is detected during the RF Collision
Avoidance the transmission is not done and an interrupt is sent with flag INTR due to NFC
event.
The NFC transmit commands switch on and off the transmission block, setting the
Operation Control Register bit tx_en in the NFC mode is not allowed.
Timing of the NFC transmit commands (see Table 5) is according to the ISO/IEC 18092
standard, which specifies a range for some of them.
t
An interrupt due to end of transmission is sent when RF field is switched off.
All NFC Transmit commands are only authorized in case the ISO mode configuration bit nfc
is set and the oscillator and regulators are running.
Mask Receive Data and Unmask Receive Data
After the direct command Mask Receive Data the signal rx_on that enables the RSSI and
AGC operation of the receiver (see Section 1.1.2: Receiver) is forced to low, processing of
the receiver output by the receive data framing block is disabled. This command is useful to
mask receiver and receive framing from processing the data when there is actually no input
and only a noise would be processed..
The direct command Unmask Receive Data is enabling normal processing of the received
data (signal rx_on is set high to enable the RSSI and AGC operation), the receive data
framing block is enabled. A common use of this command is to enable again the receiver
operation after it was masked by the command Mask Receive Data.
The command Unmask Receive Data has to be used in the NFC target mode. The
sequence implemented in the ST25R3910 supposes that every action is started with a
transmit command, after sending the transmit data, the receive mode is automatically
entered to process the response. Such a sequence is always in place in case of the
Table 5. NFC P2P timings implemented in ST25R3910
Symbol
Parameter
Value
Unit
Comments
TIDT
Initial delay time
302
μs
Initial RF Collision Avoidance
TRWF
RF waiting time
37.76
-
TIRFG
Initial guard time
5.11
ms
Initial RF Collision Avoidance
TADT
Active delay time
151
μs
Response RF Collision Avoidance
TARFG
Active guard time
84
TGAS
Guard time after sending
response or request
65
Time during which RF field stays switched on
after sending a response or a request. Not
specified in the ISO/IEC 18092.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com