Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST25R3910 Datasheet(PDF) 63 Page - STMicroelectronics

Part # ST25R3910
Description  AM/PM demodulator
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3910 Datasheet(HTML) 63 Page - STMicroelectronics

Back Button ST25R3910 Datasheet HTML 57Page - STMicroelectronics ST25R3910 Datasheet HTML 58Page - STMicroelectronics ST25R3910 Datasheet HTML 59Page - STMicroelectronics ST25R3910 Datasheet HTML 60Page - STMicroelectronics ST25R3910 Datasheet HTML 61Page - STMicroelectronics ST25R3910 Datasheet HTML 62Page - STMicroelectronics ST25R3910 Datasheet HTML 63Page - STMicroelectronics ST25R3910 Datasheet HTML 64Page - STMicroelectronics ST25R3910 Datasheet HTML 65Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 63 / 65 page
background image
DocID029768 Rev 2
63/65
ST25R3910
Part numbering
64
5
Part numbering
Note:
Parts marked as “ES”, “E” or accompanied by an Engineering Sample notification letter, are
not yet qualified and therefore not yet ready to be used in production and any consequences
deriving from such usage will not be at ST charge. In no event, ST will be liable for any
customer usage of these engineering samples in production. ST Quality has to be contacted
prior to any decision to use these Engineering samples to run qualification activity.
Table 45. Ordering information scheme
Example:
ST25 R 39
10 - B QF T
Device type
ST25 = NFC/RFID tags and readers
Product type
R = Reader
Frequency range
39 = HF products
Product feature
10 = Mid range reader / NFC initiator
Temperature range
B = -40 °C to 85 °C
Package/Packaging
QF = 32-pin QFN (5 mm x 5 mm)
Tape and Reel
T = 4000 pcs/reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com