Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST25R3910 Datasheet(PDF) 14 Page - STMicroelectronics

Part # ST25R3910
Description  AM/PM demodulator
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3910 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button ST25R3910 Datasheet HTML 10Page - STMicroelectronics ST25R3910 Datasheet HTML 11Page - STMicroelectronics ST25R3910 Datasheet HTML 12Page - STMicroelectronics ST25R3910 Datasheet HTML 13Page - STMicroelectronics ST25R3910 Datasheet HTML 14Page - STMicroelectronics ST25R3910 Datasheet HTML 15Page - STMicroelectronics ST25R3910 Datasheet HTML 16Page - STMicroelectronics ST25R3910 Datasheet HTML 17Page - STMicroelectronics ST25R3910 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 65 page
background image
Functional overview
ST25R3910
14/65
DocID029768 Rev 2
RSSI
The receiver also performs the RSSI (Received Signal Strength Indicator) measurement of
the modulated signal that is superimposed on the 13.56 MHz carrier. The RSSI
measurement is started after the rising edge of rx_on. It stays active as long as signal rx_on
is high, it is frozen while rx_on is low. The RSSI is a peak hold system, and the value can
only increase from the initial zero value. Every time the AGC reduces the gain the RSSI
measurement is reset and starts from zero. Result of RSSI measurements is a 4-bit value
that can be observed by reading the Receiver State Display Register. The LSB step is
2.15 dB.
Since the RSSI measurement is of peak hold type the RSSI measurement result does not
follow any variations in the signal strength (the highest value will be kept). In order to follow
RSSI variations it is possible to reset the RSSI bits and restart the measurement by sending
the direct command Clear RSSI.
1.2.4
A/D converter
The ST25R3910 contains an 8-bit successive approximation A/D converter. Inputs to the
A/D converter can be multiplexed from different sources to be used in several direct
commands and adjustment procedures. The result of the last A/D conversion is stored in the
A/D Output Register.
The A/D converter has two operating modes, absolute and relative.
•
In absolute mode the low reference is 0 V and the high reference is 2 V. This means
that A/D converter input range is from 0 to 2 V, 00h code means input is 0 V or lower,
FFh means that input is 2 V - 1 LSB or higher (LSB is 7.8125 mV).
•
In relative mode low reference is 1/6 of VSP_A and high reference is 5/6 of VSP_A, so
the input range is from 1/6 to 5/6 VSP_A.
Relative mode is only used in phase measurement (phase detector output is proportional to
power supply). In all other cases absolute mode is used.
The A/D converter input can also be accessed externally. When the direct command AD
Convert is sent, an A/D conversion of voltage present on pin AD_IN is performed in absolute
mode, result is stored in A/D Output Register. AD_IN pin should be left non-connected in
case A/D conversion is not needed in application.
1.2.5
Phase and amplitude detector
Phase detector
The phase detector is observing phase difference between the transmitter output signals
(RFO1 and RFO2) and the receiver input signals RFI1 and RFI2, which are proportional to
the signal on the antenna LC tank. These signals are first elaborated by digitizing
comparators, then digitized signals are processed by a phase detector. Filter characteristics
of the phase antenna are adapted to one of the two possible operation modes. For antenna
tuning check, a strong low power filter is used to get average phase difference, for PM
demodulation a low pass filter having 1 MHz corner frequency is used to pass the subcarrier
frequency.
The phase detector output is inversely proportional to the phase difference between the two
inputs. The 90° phase shift (ideal antenna LC tank tuning) results in VSP/2 output voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com