Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST25R3910 Datasheet(PDF) 18 Page - STMicroelectronics

Part # ST25R3910
Description  AM/PM demodulator
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3910 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button ST25R3910 Datasheet HTML 14Page - STMicroelectronics ST25R3910 Datasheet HTML 15Page - STMicroelectronics ST25R3910 Datasheet HTML 16Page - STMicroelectronics ST25R3910 Datasheet HTML 17Page - STMicroelectronics ST25R3910 Datasheet HTML 18Page - STMicroelectronics ST25R3910 Datasheet HTML 19Page - STMicroelectronics ST25R3910 Datasheet HTML 20Page - STMicroelectronics ST25R3910 Datasheet HTML 21Page - STMicroelectronics ST25R3910 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 65 page
background image
Functional overview
ST25R3910
18/65
DocID029768 Rev 2
Figure 4. Exchange of signals with microcontroller
When signal SEN is low, the SPI interface is in reset and SDATAO is in tristate; when it is
high, SPI interface is enabled. It is recommended to keep signal SEN low whenever the SPI
interface is not in use. SDATAI is sampled at the falling edge of SCLK. All communication is
done in blocks of 8 bits (bytes). The first two bits of the first byte transmitted after low to high
transition of SEN define the SPI operation mode. Table 2 defines the possible modes.
Writing data to addressable registers (Write mode)
Figure 5 and Figure 6 show cases of writing a single byte and writing multiple bytes with
auto-incrementing address. SDATAI is sampled at the falling edge of SCLK. A SEN low
pulse indicates the end of the Write command after register has been written. Auto
incrementing address is supported, this means that if after the address and first data byte
some additional data bytes are sent, they are written to addresses incremented by 1. If the
command is terminated by putting SEN low before a packet of 8 bits composing one byte is
sent, writing of this register is not performed. In case the register on the defined address
does not exist or it is a read only register, no write is performed.
Table 2. SPI operation patterns
Mode
Mode pattern (communication bits)
Mode related data
Mode
Register address
Register data
M1 M0
C5
C4
C3
C2
C1
C0
D7
D6
D5
D4
D3
D2
D1
D0
Write
0
0
A5
A4
A3
A2
A1
A0
WD7 WD6 WD5 WD4 WD3 WD2 WD1 WD0
Read
0
1
A5
A4
A3
A2
A1
A0
RD7 RD6 RD5 RD4 RD3 RD2 RD1 RD0
FIFO load
1
0
0
0
0
0
0
0
WD7 WD6 WD5 WD4 WD3 WD2 WD1 WD0
FIFO read
1
0
1
1
1
1
1
1
RD7 RD6 RD5 RD4 RD3 RD2 RD1 RD0
Command
1
1
C5
C4
C3
C2
C1
C0
--------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com