Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST25R3910 Datasheet(PDF) 27 Page - STMicroelectronics

Part # ST25R3910
Description  AM/PM demodulator
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3910 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button ST25R3910 Datasheet HTML 23Page - STMicroelectronics ST25R3910 Datasheet HTML 24Page - STMicroelectronics ST25R3910 Datasheet HTML 25Page - STMicroelectronics ST25R3910 Datasheet HTML 26Page - STMicroelectronics ST25R3910 Datasheet HTML 27Page - STMicroelectronics ST25R3910 Datasheet HTML 28Page - STMicroelectronics ST25R3910 Datasheet HTML 29Page - STMicroelectronics ST25R3910 Datasheet HTML 30Page - STMicroelectronics ST25R3910 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 65 page
background image
DocID029768 Rev 2
27/65
ST25R3910
Functional overview
35
is reduced by one step (120 mV in case of 5 V supply and 100 mV in case of 3.3 V supply)
and measurement is done after another 300 μs. The procedure is repeated until VSP_RF
drops at least 250 mV below VDD, or until the minimum regulated voltage (3.9 V in case of
5 V supply and 2.4 V in case of 3.3 V supply) is reached.
Duration time: 5 ms max.
This command is accepted in any mode where the oscillator and regulators are running.
This command is not accepted when the external definition of the regulated voltage is
selected in the Regulated Voltage Definition Register (bit reg_s is set to H).
Calibrate Modulation Depth
Starts a sequence that activates the transmission, measures the modulation depth and
adapts it to comply with the modulation depth specified in the Modulation Depth Definition
Register. The result of the calibration procedure is stored in the Modulation Depth Display
Register. Refer to Section 1.2.14: AM modulation depth: definition and calibration for details
about setting the AM modulation depth and running this command.
Duration time: 10 ms max.
This command is accepted in any mode where the oscillator and regulators are running.
Calibrate Antenna
Sending this command starts a sequence that adjusts the parallel capacitances connected
to TRIMx_y pins so that the antenna LC tank is in resonance. See Section 1.2.15: Antenna
tuning for details.
Duration time: 400 μs max.
This command is accepted in any mode where the oscillator and regulators are running.
Check Antenna Resonance
This command measures the antenna LC tank resonance to determine whether a
calibration is needed. See Check Antenna Resonance for details.
Duration time: 42μs max.
This command is accepted in any mode where the oscillator and regulators are running.
Clear RSSI
The receiver automatically clears the RSSI bits in the Receiver State Display Register and
starts to measure the RSSI of the received signal when the signal rx_on is asserted. Since
the RSSI bits store peak value (peak-hold type) the variations of the receiver input signal will
not be followed (this may happen in case of long messages or test procedures). The direct
command Clear RSSI clears the RSSI bits in the Receiver State Display Register, and the
RSSI measurement is restarted (in case, of course, rx_on is still high).
Transparent Mode
Enters in the Transparent mode. The Transparent mode is entered on the falling edge of
signal SEN and is maintained as long as signal SEN is kept low.
This command is accepted only when the Transmitter and the Receiver are operating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com