Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST25R3910 Datasheet(PDF) 36 Page - STMicroelectronics

Part # ST25R3910
Description  AM/PM demodulator
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3910 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button ST25R3910 Datasheet HTML 32Page - STMicroelectronics ST25R3910 Datasheet HTML 33Page - STMicroelectronics ST25R3910 Datasheet HTML 34Page - STMicroelectronics ST25R3910 Datasheet HTML 35Page - STMicroelectronics ST25R3910 Datasheet HTML 36Page - STMicroelectronics ST25R3910 Datasheet HTML 37Page - STMicroelectronics ST25R3910 Datasheet HTML 38Page - STMicroelectronics ST25R3910 Datasheet HTML 39Page - STMicroelectronics ST25R3910 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 65 page
background image
ST25R3910
36/65
DocID029768 Rev 2
1.3
Registers
The 6-bit register addresses below are defined in hexadecimal notation. The possible
addresses range from 00h to 3Fh.
There are two types of registers implemented in the ST25R3910:
•
configuration registers
•
display registers
The configuration registers are used to configure the ST25R3910. They can be read and
written (RW) through the SPI. The display registers are read only (R); they contain
information about the ST25R3910 internal state.
Table 7. Registers map
Address
(hex)
Main function
Content
Type
00
Main
ISO Mode Definition Register
RW
01
Operation Control Register
RW
02
Configuration
Configuration Register 2
RW
03
Configuration Register 3 (ISO-14443A and NFC)
RW
04
Configuration Register 4 (ISO-14443B)
RW
05
Configuration Register 5
RW
06
Receiver Configuration Register
RW
07
Interrupt and
associated reporting
Mask Interrupt Register
RW
08
Interrupt Register
R
09
FIFO Status Register
R
0A
Collision Register (ISO-14443A only)
R
0B
Number of Transmitted Bytes Register 0
RW
0C
Number of Transmitted Bytes Register 1
RW
0D
ADC output
A/D Output Register
R
0E
Antenna calibration
Antenna Calibration Register
R
0F
External Trim Register
RW
10
AM modulation depth
and Antenna driver
Modulation Depth Definition Register
RW
11
Modulation Depth Display Register
R
12
Antenna Driver AM Modulated Level Definition
Register
RW
13
Antenna Driver Non-Modulated Level Definition
Register
RW
14
NFCIP field detection NFCIP Field Detection Threshold Register
RW
15
Regulators
Regulator Display Register
R
16
Regulated Voltage Definition Register
RW
17
Receiver state
Receiver State Display Register
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com