Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST25R3910 Datasheet(PDF) 31 Page - STMicroelectronics

Part # ST25R3910
Description  AM/PM demodulator
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3910 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button ST25R3910 Datasheet HTML 27Page - STMicroelectronics ST25R3910 Datasheet HTML 28Page - STMicroelectronics ST25R3910 Datasheet HTML 29Page - STMicroelectronics ST25R3910 Datasheet HTML 30Page - STMicroelectronics ST25R3910 Datasheet HTML 31Page - STMicroelectronics ST25R3910 Datasheet HTML 32Page - STMicroelectronics ST25R3910 Datasheet HTML 33Page - STMicroelectronics ST25R3910 Datasheet HTML 34Page - STMicroelectronics ST25R3910 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 65 page
background image
DocID029768 Rev 2
31/65
ST25R3910
Functional overview
35
Table 6 shows setting of the mod bits for some often used modulation indexes.
Execution of direct command Calibrate Modulation Depth
The modulation level is adjusted by increasing the RFO1 and RFO2 driver output
resistance. The RFO drivers are composed of 8 binary weighted segments. Usually all these
segments are turned on to define the normal, non-modulated level, there is also a possibility
to increase the output resistance of the non-modulated state by writing the Antenna Driver
Non-Modulated Level Definition Register.
Before sending the direct command Calibrate Modulation Depth the oscillator and
regulators have to be turned on. When the direct command Calibrate Modulation Depth is
sent the following procedure is executed:
1.
The transmitter is turned on, non-modulated level is established.
2.
The amplitude of the non-modulated carrier level established on the inputs RFI1 and
RFI2 is measured by the A/D converter and stored.
3.
Based on the measurement of the non-modulated level and the target modulated level
defined by the bits mod5 to mod0 the target modulated level is calculated.
4.
The output driver control is taken over by an internal register with initial level defined in
the Antenna Driver Non-Modulated Level Definition Register. Content of the internal
register is incremented by 1 to increase the driver resistance and thereby reduce the
carrier level. The reduced carrier level, in turn, is measured by the A/D converter and
compared with the target modulation level.
5.
The procedure from previous point is repeated as long as the measured level is higher
than the target modulation level.
6.
When the measured carrier level is equal to or lower than the target modulation level,
the state of the internal register is copied into the Modulation Depth Display Register,
whose content is used to define the AM modulated level.
Note:
After the calibration procedure is finished, the content of the Antenna Driver Non-Modulated
Level Definition Register should not be changed. Modifications of the content of this register
will change the non-modulated amplitude and therefore the ratio between the modulated
and non-modulated level.
Note:
In case the calibration of antenna resonant frequency in used, the command Calibrate
Antenna has to be run before AM modulation depth adjustment.
Table 6. Setting mod bits
Modulation Index (%)
a/b (dec)
a/b (bin)
mod5 … mod0
8
1.1739
1.001011
001011
10
1.2222
1.001110
001110
14
1.3256
1.010100
010100
20
1.5000
1.100000
100000
30
1.8571
1.110111
110111
33
1.9843
1.111111
111111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com