Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST25R3910 Datasheet(PDF) 51 Page - STMicroelectronics

Part # ST25R3910
Description  AM/PM demodulator
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3910 Datasheet(HTML) 51 Page - STMicroelectronics

Back Button ST25R3910 Datasheet HTML 47Page - STMicroelectronics ST25R3910 Datasheet HTML 48Page - STMicroelectronics ST25R3910 Datasheet HTML 49Page - STMicroelectronics ST25R3910 Datasheet HTML 50Page - STMicroelectronics ST25R3910 Datasheet HTML 51Page - STMicroelectronics ST25R3910 Datasheet HTML 52Page - STMicroelectronics ST25R3910 Datasheet HTML 53Page - STMicroelectronics ST25R3910 Datasheet HTML 54Page - STMicroelectronics ST25R3910 Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 65 page
background image
DocID029768 Rev 2
51/65
ST25R3910
55
1.3.21
NFCIP Field Detection Threshold Register
Address: 14h
Type: RW
Table 28. NFCIP Field Detection Threshold Register(1)
Bit
Name
Default
Function
Comments
7
trg_l3
0
Target activation level MSB
Threshold used to detect presence of interrogator
magnetic field. See Table 29 for threshold
definition.
6
trg_l2
0
-
5
trg_l1
0
-
4
trg_l0
0
Target activation level LSB
3
trg_t3
0
Collision avoidance threshold MSB
Threshold used to detect presence of external
field during collision avoidance. See Table 30 for
threshold definition.
2
trg_t2
0
-
1
trg_t1
0
-
0
trg_t0
0
Collision avoidance threshold LSB
1. At power-up and after Set Default command content of this register is set to 0.
Table 29. Target activation threshold as seen on RFI1 input
trg_l3
trg_l2
trg_l1
trg_l0
Target activation threshold voltage
x
0
0
0
Forbidden (measurement is deactivated)
0001
590 mVpp
0010
420 mVpp
0011
350 mVpp
1001
350 mVpp
0100
300 mVpp
0101
265 mVpp
1010
265 mVpp
0110
235 mVpp
0111
220 mVpp
1011
220 mVpp
1100
190 mVpp
1101
175 mVpp
1110
155 mVpp
1111
145 mVpp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com