Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST25R3910 Datasheet(PDF) 16 Page - STMicroelectronics

Part # ST25R3910
Description  AM/PM demodulator
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3910 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button ST25R3910 Datasheet HTML 12Page - STMicroelectronics ST25R3910 Datasheet HTML 13Page - STMicroelectronics ST25R3910 Datasheet HTML 14Page - STMicroelectronics ST25R3910 Datasheet HTML 15Page - STMicroelectronics ST25R3910 Datasheet HTML 16Page - STMicroelectronics ST25R3910 Datasheet HTML 17Page - STMicroelectronics ST25R3910 Datasheet HTML 18Page - STMicroelectronics ST25R3910 Datasheet HTML 19Page - STMicroelectronics ST25R3910 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 65 page
background image
Functional overview
ST25R3910
16/65
DocID029768 Rev 2
1.2.7
Quartz crystal oscillator
The quartz crystal oscillator can operate with 13.56 and 27.12 MHz crystals. The oscillator is
based on an inverter stage supplied by controlled current source. A feedback loop is
controlling the bias current in order to regulate amplitude on XTI pin to 1 Vpp. This feedback
ensures reliable operation even in case of low quality crystals, with Rs up to 50 Ω. To enable
a fast reader start-up an interrupt is sent when the oscillator amplitude exceeds 750 mVpp.
The oscillator block always provides 13.56 MHz clock signal to the rest of the IC. In case of
27.12 MHz crystal clock signal is internally divided by two. Divider is controlled by
Configuration Register 2 bit osc. Division by two ensures that the 13.56 MHz signal has a
duty cycle of 50%, which is better for the Transmitter performance (no PW distortion). Use of
27.12 MHz crystal is therefore recommended.
In case of 13.56 MHz crystal, the bias current of stage which is digitizing oscillator signal is
increased to minimize the PW distortion. The oscillator output is also used to drive a clock
signal output pin, which can be used by the external microcontroller (MCU_CLK). By setting
Configuration Register 2 the frequency can be chosen between 13.56, 6.78 and 3.39 MHz.
Any microcontroller processing generates noise, which may be captured by the ST25R3910
receiver. Using MCU_CLK as the microcontroller clock source generates noise synchronous
with the reader carrier frequency that is filtered out by the receiver, while using some other
incoherent clock source produces noise which may generate some sideband signals
captured by Receiver. It is then recommended to use MCU_CLK as microcontroller clock
source.
1.2.8
Power supply, Regulators
The ST25R3910 includes two regulators that can be adjusted automatically to improve the
reader PSRR. VDD is an external power supply pin, used to supply the logic and digital pins.
One regulator is used to supply analog blocks (VSP_A), another is reserved for the
transmitter (VSP_RF) in order to decouple transmitter current spikes from the rest of the IC.
All negative power supply pins are externally connected to the same negative supply, the
reason for separation is the need to decouple noise induced by voltage drops on the internal
power supply lines. These pins are VSS (die substrate potential), VSN_D (negative supply
of logic and digital pads), VSN_A (negative supply of analog blocks) and VSN_RF (negative
supply of transmitter).
An additional regulator block provides AGD voltage (1.5 V), which is used as reference
potential for analog processing (analog ground). Blocking capacitors have to be connected
externally to regulator outputs and AGD pins. For pins VSP_A and VSP_RF recommended
blocking capacitors are 2.2 μF in parallel with 10 nF, for pin AGD 1 μF in parallel with 10 nF
is suggested.
The regulated voltage ranges from 2.4 to 3.4 V, with 100 mV step. Both regulators are set to
the same voltage. VSP_A regulator maximum capability is 20 mA while maximum capability
of VSP_RF regulator is 300 mA. VSP_RF regulator also has a built-in protection limiting
current to 300 mA in normal operation and to 500 mA in case of a short. The regulators are
operating when either the Operation Control Register bit en is set or pin EN is high.
In Power-down mode the regulators are not operating, VSP_A and VSP_RF are connected to
VDD through 1 kΩ resistors, to ensure smooth power-up of the system and a smooth
transitions from Stand-by mode to other operating modes. In case regulators were
regulating or were transparent at power-up a large current would be pulled from VDD supply
to charge blocking capacitors of regulated outputs, a problematic situation for battery
powered systems.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com