Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST25R3910 Datasheet(PDF) 59 Page - STMicroelectronics

Part # ST25R3910
Description  AM/PM demodulator
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3910 Datasheet(HTML) 59 Page - STMicroelectronics

Back Button ST25R3910 Datasheet HTML 55Page - STMicroelectronics ST25R3910 Datasheet HTML 56Page - STMicroelectronics ST25R3910 Datasheet HTML 57Page - STMicroelectronics ST25R3910 Datasheet HTML 58Page - STMicroelectronics ST25R3910 Datasheet HTML 59Page - STMicroelectronics ST25R3910 Datasheet HTML 60Page - STMicroelectronics ST25R3910 Datasheet HTML 61Page - STMicroelectronics ST25R3910 Datasheet HTML 62Page - STMicroelectronics ST25R3910 Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 65 page
background image
DocID029768 Rev 2
59/65
ST25R3910
Electrical characteristics
60
3.2
Operating conditions
All defined tolerances for external components in this specification need to be assured over
the whole operating conditions range and over lifetime.
3.3
DC/AC characteristics for digital inputs and outputs
3.3.1
CMOS inputs
Valid for input pins EN, SEN, SDATAI, TEST and SCLK.
3.3.2
CMOS outputs
Valid for output pins SDATAO, INTR and MCU_CLK.
Table 40. Operating conditions
Symbol
Parameter
Min
Max
Unit
Comments
VDD
Positive supply voltage
2.4
3.6
V
In case power supply is lower than 2.6 V, PSSR
cannot be improved using internal regulators
(minimum regulated voltage is 2.4 V).
VSS
Negative supply voltage
0
0
V
-
VINTRIM
Input pin voltage
TRIM pins
-30
V
-
TAMB
Ambient temperature
-40
85
°C
-
Table 41. CMOS inputs
Symbol
Parameter
Min
Typ
Max
Unit
VIH
High level input voltage
0.7 * VDD
--
V
VIL
Low level input voltage
-
-
0.3 * VDD
V
ILEAK
Input leakage current
-
-
2
µA
RPD
Pull down resistance (pad EN)
-
100
-
kΩ
Table 42. CMOS outputs
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VOH
High level output
voltage
ISOURCE = 1mA
0.9 * VDD
--
V
VOL
Low level output
voltage
ISINK = 1mA
-
-
0.1 * VDD
V
CL
Capacitive load
-
0
-
50
pF
RO
Output resistance
-
0
250
550
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com