Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS43130 Datasheet(PDF) 68 Page - Cirrus Logic

Part # CS43130
Description  130-dB, 32-Bit High-Performance DAC with Integrated Headphone Driver
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43130 Datasheet(HTML) 68 Page - Cirrus Logic

Back Button CS43130 Datasheet HTML 64Page - Cirrus Logic CS43130 Datasheet HTML 65Page - Cirrus Logic CS43130 Datasheet HTML 66Page - Cirrus Logic CS43130 Datasheet HTML 67Page - Cirrus Logic CS43130 Datasheet HTML 68Page - Cirrus Logic CS43130 Datasheet HTML 69Page - Cirrus Logic CS43130 Datasheet HTML 70Page - Cirrus Logic CS43130 Datasheet HTML 71Page - Cirrus Logic CS43130 Datasheet HTML 72Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 137 page
background image
68
DS1073F1
CS43130
5.10 Example Sequences
23 Configure DSD Interface
DSD Interface Configuration. 0x70003
0x00
Reserved
DSD_M/SB
DSD_PM_EN
DSD_PM_SEL
0000 0
0
0
0
DSD is clock slave
Function is disabled
Function is disabled
24 Configure DSD path Signal
Control 2
DSD Processor Path Signal Control 2.
0x70004
0x13
Reserved
DSD_PRC_SRC
DSD_EN
Reserved
DSD_SPEED
STA_DSD_DET
INV_DSD_DET
0
00
1
0
0
1
1
Set source of DSD processor to DSDIF
Enable DSD playback
Set DSD clock speed to 64•FS
Static DSD detection enabled
Invalid DSD detection enabled
25 Configure HP
26 Configure Class H Amplifier
Class H Control. 0xB0000
0x1E
Reserved
ADPT_PWR
HV_EN
EXT_VCPFILT
000
111
1
0
Output Signal determines voltage level
High Voltage Mode Enabled
Using Internal VCPFILT source.
27 Set HP output to full scale
HP Output Control 1. 0x80000
0x30
HP_CLAMPA
HP_CLAMPB
OUT_FS
HP_IN_EN
Reserved
0
0
11
0
000
Set headphone output to Full Scale (1.732 V rms)
28 Configure Headphone Detect
HP Detect. 0xD0000
0x04
HPDETECT_CTRL
HPDETECT_INV
HPDETECT_RISE_DBC_TIME
HPDETECT_FALL_DBC_TIME
Reserved
00
0
00
10
0
HP Detect disabled
HP detect input is not inverted
Tip Sense rising debounce time set to 0ms
Tip sense falling debounce time set to 500ms
29 Headphone Detect
HP Detect. 0xD0000
0xC4
HPDETECT_CTRL
HPDETECT_INV
HPDETECT_RISE_DBC_TIME
HPDETECT_FALL_DBC_TIME
Reserved
11
0
00
10
0
HP Detect enabled
HP detect input is not inverted
Tip Sense rising debounce time set to 0ms
Tip sense falling debounce time set to 500ms
30 Enable Interrupts
31 Read Interrupt Status 1 register (0xF0000) and Interrupt Status 5 register (0xF0004) to clear sticky bits
32 Enable Headphone Detect
Interrupts
Interrupt Mask 1. 0xF0010
0x81
DAC_OVFL_INT_MASK
HPDETECT_PLUG_INT_MASK
HPDETECT_UNPLUG_INT_MASK
XTAL_READY_INT_MASK
XTAL_ERROR_INT_MASK
PLL_READY_INT_MASK
PLL_ERROR_INT_MASK
PDN_DONE_INT_MASK
1
0
0
0
0
0
0
1
Unmask HPDETECT_PLUG interrupt and
HPDETECT_UNPLUG interrupt
33 Enable DSD Interrupts
Interrupt Mask 5. 0xF0014
0x03
DSD_STUCK_INT_MASK
DSD_INVAL_A_INT_MASK
DSD_INVAL_B_INT_MASK
DSD_SILENCE_A_INT_MASK
DSD_SILENCE_B_INT_MASK
DSD_RATE_ERROR_INT_MASK
DOP_MRK_DET_INT_MASK
DOP_ON_INT_MASK
0
0
0
0
0
0
1
1
Enable DSD_STUCK interrupt
Enable DSD_INVAL_A interrupt
Enable DSD_INVAL_B interrupt
Enable DSD_SILENCE_A interrupt
Enable DSD_SILENCE_B interrupt
Enable DSD_RATE_ERROR interrupt
Disable DOP_MRK_DET interrupt
Disable DOP_ON interrupt
34 Wait for interrupt. Check if PLL_READY_INT = 1 in Interrupt Status 1 register(0xF0000)
35 Switch MCLK source to PLL
System Clocking Control 1. 0x10006
0x01
Reserved
MCLK_INT
MCLK_SRC_SEL
0000 0
0
01
MCLK Source set to PLL. MCLK_INT frequency set
to 24.576 MHz
36 Wait at least 150 µs
37 Power up HP
Refer to Ex. 5-10 for DSD power-up sequence. Skip Step 1 of Ex. 5-10 (completed in Step 8 above).
Example 5-12. Startup to DSD Playback (Cont.)
STEP
TASK
REGISTER/BIT FIELDS
VALUE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com