Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS43130 Datasheet(PDF) 7 Page - Cirrus Logic

Part # CS43130
Description  130-dB, 32-Bit High-Performance DAC with Integrated Headphone Driver
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43130 Datasheet(HTML) 7 Page - Cirrus Logic

Back Button CS43130 Datasheet HTML 3Page - Cirrus Logic CS43130 Datasheet HTML 4Page - Cirrus Logic CS43130 Datasheet HTML 5Page - Cirrus Logic CS43130 Datasheet HTML 6Page - Cirrus Logic CS43130 Datasheet HTML 7Page - Cirrus Logic CS43130 Datasheet HTML 8Page - Cirrus Logic CS43130 Datasheet HTML 9Page - Cirrus Logic CS43130 Datasheet HTML 10Page - Cirrus Logic CS43130 Datasheet HTML 11Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 137 page
background image
DS1073F1
7
CS43130
1.3 Pin Descriptions
VD
4
C6
N/A
I Internal Digital Power. Internal digital power supply, typically
+1.8 V.
——
—
VA
7
D6
N/A
I Analog Power. Power supply for the internal analog section.
—
—
—
VCP
25
D2
N/A
I Charge Pump Supply. Provides charge pump voltage to the
headphone Class H analog output circuit.
——
—
VP
26
D1
N/A
I Battery supply. Provides voltage to the headphone Class H
circuit.
——
—
GNDD
35
C3
N/A
I Digital and I/O Ground. Ground for the I/O and core logic. GNDA,
GNDCP, and GNDD must be connected to a common ground area
under the chip.
——
—
GNDA
8
E5
N/A
I Analog Ground. Ground reference for the internal analog section.
GNDA, GNDCP, and GNDD must be connected to a common
ground area under the chip.
——
—
GNDCP
19
F2
N/A
I Charge Pump Ground. Ground reference for the charge pump
section. GNDA, GNDCP, and GNDD must be connected to a
common ground area under the chip.
——
—
VCP_FILT+
VCP_FILT–
21
18
E2
G2
VCP/
VP 1
I/O Inverting Charge Pump Filter Connection. Power supply from
the inverting charge pump that provides the positive/negative rail
for the analog output. When operating in external VCP_FILT
mode, these pins can directly take in supply voltage.
——
—
–VA
9
E6
VA
O VA Negative Charge Pump Output. Negative charge pump
output for DAC rail. It is derived from VA.
——
—
FLYP_VA
FLYN_VA
10
11
F6
G6
VA
O –VA Charge Pump Cap Positive/Negative Node. Positive/
negative nodes for the DAC negative charge pump’s flying
capacitor.
——
—
FLYP_VCP
24
E1
VCP/
VP 1
O –VCP Charge Pump Cap Positive Node. Positive node for the
analog output negative charge pump’s flying capacitor.
——
—
FLYC_VCP
23
F1
VCP/
VP 1
O –VCP Charge Pump Cap Center Node. Center node for the
analog output negative charge pump’s flying capacitor.
——
—
FLYN_VCP
20
G1
VCP_
FILT±
O –VCP Charge Pump Cap Negative Node. Negative node for the
analog output negative charge pump’s flying capacitor.
——
—
TSO
3
B6
N/A
I/O Test Output.
——
—
TSI
—
D3, F5
Test Input.
——
—
1.The power supply is determined by ADPT_PWR setting (see Section 4.3.1). VP is used if ADPT_PWR = 001 (VP_LDO Mode) or when necessary for
ADPTPWR = 111 (Adapt-to-Signal Mode).
Table 1-1. Pin Descriptions (Cont.)
Pin Name
QFN
Pin #
WLCSP
Ball
Power
Supply
I/O
Pin Description
Internal
Connection
Digital I/O
Driver
Digital I/O
Receiver
Ground
Charge Pump
Test



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com