Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS43130 Datasheet(PDF) 69 Page - Cirrus Logic

Part # CS43130
Description  130-dB, 32-Bit High-Performance DAC with Integrated Headphone Driver
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43130 Datasheet(HTML) 69 Page - Cirrus Logic

Back Button CS43130 Datasheet HTML 65Page - Cirrus Logic CS43130 Datasheet HTML 66Page - Cirrus Logic CS43130 Datasheet HTML 67Page - Cirrus Logic CS43130 Datasheet HTML 68Page - Cirrus Logic CS43130 Datasheet HTML 69Page - Cirrus Logic CS43130 Datasheet HTML 70Page - Cirrus Logic CS43130 Datasheet HTML 71Page - Cirrus Logic CS43130 Datasheet HTML 72Page - Cirrus Logic CS43130 Datasheet HTML 73Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 137 page
background image
DS1073F1
69
CS43130
5.10 Example Sequences
5.10.3 Power-Up Sequence to DoP Playback with PLL
In Ex. 5-13, an external 19.2-MHz MCLK is used with a PLL to generate an internal MCLK or 22.5792 MHz, and the ASP
is in clock master receiving DoP data with LRCLK at 176.4 kHz and SCLK at 8.4672 MHz.
Example 5-13. DoP Playback with PLL
STEP
TASK
REGISTER/BIT FIELDS
VALUE
DESCRIPTION
1 Apply all relevant power supplies, then assert RESET.
2 Wait for 1.5 ms
3 Apply DSD power-up initialization in Ex. 5-8
4 Configure PLL. XTI/MCLK input coming from an external 19.2 MHz source with PLL output set to 22.5792 MHz. Refer to Section 4.7.2 for register
settings for other frequency combinations
5 Power up PLL
Power Down Control. 0x20000
0xFA
PDN_XSP
PDN_ASP
PDN_DSDIF
PDN_HP
PDN_XTAL
PDN_PLL
PDN_CLKOUT
Reserved
x
x
x
x
x
0
x
0
Power up PLL block
6 Set PLL Predivide value
PLL Setting 9. 0x40002
0x03
Reserved
PLL_REF_PREDIV
0000 00
11
Set PLL predivide value to 8
7 Set PLL output divide
PLL Setting 6. 0x30008
0x08
PLL_OUT_DIV
0x08 Set PLL output divide value to 8
8 Set Fractional portion of PLL Divide Ratio
PLL Setting 2. 0x30002
0x00
PLL_DIV_FRAC_0
0x00 Set LSB of PLL fractional divider value to 0
PLL Setting 3. 0x30003
0x00
PLL_DIV_FRAC_1
0x00 Set Middle Byte of PLL fractional divider value to 0
PLL Setting 4. 0x30004
0x80
PLL_DIV_FRAC_2
0x80 Set MSB of PLL fractional divider value to 0x80
9 Set Integer portion of PLL Divide Ratio
PLL Setting 5. 0x30005
0x49
PLL_DIV_INT
0x49 Set PLL integer Divide value to 0x49
10 Set PLL mode
PLL Setting 8. 0x3001B
0x01
Reserved
PLL_MODE
Reserved
0000 00
0
1
500/512 factor is used in PLL frequency calculation
11 Read Interrupt Status 1 register (0xF0000) to clear sticky bits.
12 Set PLL calibration ratio
PLL Setting 7. 0x3000A
0x97
PLL_CAL_RATIO
0x97 PLL Calibration Ratio is set to 0x97 (151)
13 Enable PLL interrupts
Interrupt Mask 1. 0xF0010
0xF9
DAC_OVFL_INT_MASK
HPDETECT_PLUG_INT_MASK
HPDETECT_UNPLUG_INT_MASK
XTAL_READY_INT_MASK
XTAL_ERROR_INT_MASK
PLL_READY_INT_MASK
PLL_ERROR_INT_MASK
PDN_DONE_INT_MASK
1
1
1
1
1
0
0
1
DAC_OVFL_INT is don't care
Unmask HPDETECT_PLUG interrupt
Unmask HPDETECT_UNPLUG interrupt
XTAL_READY_INT is Don't Care
XTAL_ERROR_INT is Don't Care
PLL_READY Interrupt is already unmasked
PLL_ERROR Interrupt is already unmasked
PDN_DONE_INT is Don't Care
14 Start PLL
PLL Setting 1. 0x30001
0x01
Reserved
PLL_START
0000 000
1
Enable PLL Output
15 Playback DoP audio. Assuming 64
•Fs DSD stream
16 Configure ASP interface for DoP input
17 Set ASP sample rate
Serial Port Sample Rate. 0x1000B
0x05
Reserved
ASP_SPRATE
0000
0101 Set sample rate to 176.4 kHz
18 Set ASP sample bit size. XSP is don't care
Serial Port Sample Bit Size. 0x1000C 0x05
Reserved
XSP_SPSIZE
ASP_SPSIZE
0000
01
01
XSP sample bit size set to 24 bits
ASP sample bit size set to 24 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com