Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS43130 Datasheet(PDF) 38 Page - Cirrus Logic

Part # CS43130
Description  130-dB, 32-Bit High-Performance DAC with Integrated Headphone Driver
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43130 Datasheet(HTML) 38 Page - Cirrus Logic

Back Button CS43130 Datasheet HTML 34Page - Cirrus Logic CS43130 Datasheet HTML 35Page - Cirrus Logic CS43130 Datasheet HTML 36Page - Cirrus Logic CS43130 Datasheet HTML 37Page - Cirrus Logic CS43130 Datasheet HTML 38Page - Cirrus Logic CS43130 Datasheet HTML 39Page - Cirrus Logic CS43130 Datasheet HTML 40Page - Cirrus Logic CS43130 Datasheet HTML 41Page - Cirrus Logic CS43130 Datasheet HTML 42Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 137 page
background image
38
DS1073F1
CS43130
4.6 Clocking Architecture
When the PLL reference clock is supplied to the device through the XTI/MCLK pin, it must comply with the phase-noise
mask shown in Fig. 4-15.
Figure 4-15. MCLK Phase Noise Mask With PLL
Further restrictions are listed in Table 4-3.
Table 4-3. MCLK Source Restrictions
Internal
MCLK
Source
MCLK_SRC_SEL MCLK_INT
Restrictions
Direct MCLK
or XTAL
00
0
• Nominal MCLK_INT frequency = 24.576 MHz
• All specified CLKOUT frequencies (generated by PLL or XTAL) are supported
• CLKOUT outputs (/2, /3, /4, /8 divide) optionally
1
• Nominal MCLK_INT frequency = 22.5792 MHz
• All specified CLKOUT frequencies (generated by PLL or XTAL) are supported
• CLKOUT outputs (/2, /3, /4, /8 divide) optionally
PLL
01
0
• Nominal MCLK_INT frequency = 24.576 MHz
• PDN_PLL = 0 and PLL properly configured to generate 24.576 MHz given reference input
frequency on XTI/MCLK pin
• Only MCLK_INT on CLKOUT is supported on CLKOUT pin
• CLKOUT outputs (/2, /3, /4, /8 divide) optionally
1
• Nominal MCLK_INT frequency = 22.5792MHz
• PDN_PLL = 0 and PLL properly configured to generate 22.5792 MHz given reference input
frequency on XTI/MCLK pin
• Only MCLK_INT on CLKOUT is supported on CLKOUT pin
• CLKOUT outputs (/2, /3, /4, /8 divide) optionally
RCO
10
X
• No MCLK_INT selection necessary. DAC playback is not supported. I2C port and HPIN_x
pins are supported.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com