Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS43130 Datasheet(PDF) 37 Page - Cirrus Logic

Part # CS43130
Description  130-dB, 32-Bit High-Performance DAC with Integrated Headphone Driver
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43130 Datasheet(HTML) 37 Page - Cirrus Logic

Back Button CS43130 Datasheet HTML 33Page - Cirrus Logic CS43130 Datasheet HTML 34Page - Cirrus Logic CS43130 Datasheet HTML 35Page - Cirrus Logic CS43130 Datasheet HTML 36Page - Cirrus Logic CS43130 Datasheet HTML 37Page - Cirrus Logic CS43130 Datasheet HTML 38Page - Cirrus Logic CS43130 Datasheet HTML 39Page - Cirrus Logic CS43130 Datasheet HTML 40Page - Cirrus Logic CS43130 Datasheet HTML 41Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 137 page
background image
DS1073F1
37
CS43130
4.6 Clocking Architecture
Figure 4-13. System Clocking—External MCLK Mode
If XTAL is used, the supported crystal characteristics and frequencies are listed in Table 3-14. Based on the crystal
selection, XTAL_IBIAS must be set properly before powering up. The XTAL_IBIAS information can be found in
Section 5.3. PDN_XTAL is cleared to start the crystal oscillator. PDN_XTAL is set to power down the crystal oscillator. The
XTAL_READY_INT and XTAL_ERROR_INT status bits indicate the status of crystal operation after power-up. At tXTAL_pup
after the crystal oscillator is powered up, if the crystal is started successfully and ready to be used, XTAL_READY_INT is
set; if the crystal is started unsuccessfully, XTAL_ERROR_INT is set. The two bits are mutually exclusive when set. Both
status bits have corresponding interrupt status bits and interrupt mask bits. To be informed on the crystal status at tXTAL_
pup after power-up, unmask both interrupts before powering up the crystal.
When the MCLK is supplied to the device through the XTI/MCLK pin, it must comply with the phase-noise mask shown in
Fig. 4-14. Its frequency must be one of the nominal MCLK_INT frequencies (22.5792 or 24.576 MHz), and its duty cycle
must be between 45% to 55%.
Figure 4-14. MCLK Phase Noise Mask Without PLL
External MCLK
System
Clock
XTI/MCLK
XTO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com