Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS43130 Datasheet(PDF) 74 Page - Cirrus Logic

Part # CS43130
Description  130-dB, 32-Bit High-Performance DAC with Integrated Headphone Driver
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43130 Datasheet(HTML) 74 Page - Cirrus Logic

Back Button CS43130 Datasheet HTML 70Page - Cirrus Logic CS43130 Datasheet HTML 71Page - Cirrus Logic CS43130 Datasheet HTML 72Page - Cirrus Logic CS43130 Datasheet HTML 73Page - Cirrus Logic CS43130 Datasheet HTML 74Page - Cirrus Logic CS43130 Datasheet HTML 75Page - Cirrus Logic CS43130 Datasheet HTML 76Page - Cirrus Logic CS43130 Datasheet HTML 77Page - Cirrus Logic CS43130 Datasheet HTML 78Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 137 page
background image
74
DS1073F1
CS43130
5.10 Example Sequences
22
Configure PCM Path Signal
Control
PCM Path Signal Control 1. 0x90003
0xEC
PCM_RAMP_DOWN
PCM_VOL_BEQA
PCM_SZC
PCM_AMUTE
PCM_AMUTEBEQA
PCM_MUTE_A
PCM_MUTE_B
1
1
10
1
1
0
0
Soft ramp down of volume on filter change
Volume setting on both channels controlled by PCM_
VOLUME_A
Enable soft ramp
Mute after reception of 8192 samples of 0 or –1.
Mute only when AMUTE condition is detected on both
channels
Function is disabled
Function is disabled
PCM Path Signal Control 2. 0x90004
0x00
Reserved
PCM_INV_A
PCM_INV_B
PCM_SWAP_CHAN
PCM_COPY_CHAN
0000
0
0
0
0
Disable all functions in this register
23
Configure HP interface
24
Configure Class H Amplifier
Class H Control. 0xB0000
0x1E
Reserved
ADPT_PWR
HV_EN
EXT_VCPFILT
000
1 11
1
0
Output signal determines voltage level
High voltage mode enabled
Using Internal VCPFILT source.
25
Headphone Detect
HP Detect. 0xD0000
0xC4
HPDETECT_CTRL
HPDETECT_INV
HPDETECT_RISE_DBC_TIME
HPDETECT_FALL_DBC_TIME
Reserved
11
0
0 0
10
0
HP Detect enabled
HP detect input is not inverted
Tip Sense rising debounce time set to 0 ms
Tip sense falling debounce time set to 500 ms
26
Enable interrupts
27
Read Interrupt Status 1 register (0xF0000) and Interrupt Status 2 register (0xF0001) to clear sticky bits.
28
Enable headphone detect
interrupts
Interrupt Mask 1. 0xF0010
data(0xF0010)
AND 0x9F
DAC_OVFL_INT_MASK
HPDETECT_PLUG_INT_MASK
HPDETECT_UNPLUG_INT_MASK
XTAL_READY_INT_MASK
XTAL_ERROR_INT_MASK
PLL_READY_INT_MASK
PLL_ERROR_INT_MASK
PDN_DONE_INT_MASK
x
0
0
x
x
x
x
x
Enable HPDETECT_PLUG interrupt
Enable HPDETECT_UNPLUG interrupt
29
Enable ASP interrupts
Interrupt Mask 2. 0xF0011
0x07
ASP_OVFL_INT_MASK
ASP_ERROR_INT_MASK
ASP_LATE_INT_MASK
ASP_EARLY_INT_MASK
ASP_NOLRCK_INT_MASK
Reserved
0
0
0
0
0
111
Enable ASP_OVFL interrupt
Enable ASP_ERROR interrupt
Enable ASP_LATE interrupt
Enable ASP_EARLY interrupt
Enable ASP_NOLRCK interrupt
30
Initiate a soft ramp down of HPINx input to mute.
31
Disable HPINx
Refer to Section 5.6.2
32
Wait for interrupt. Check if XTAL_READY_INT = 1 in Interrupt Status 1 register(0xF0000).
33
Switch MCLK source to XTAL
System Clocking Control 1. 0x10006
0x04
Reserved
MCLK_INT
MCLK_SRC_SEL
0000 0
1
00
MCLK Source set to XTAL. MCLK_INT frequency set
to 22.5792MHz
34
Wait at least 150 µs.
35
Power up HP
Refer to Ex. 5-9 for PCM power-up sequence. Skip Step 1 of Ex. 5-9 (completed in Step 6 above).
Example 5-15. Switching from Analog-In to PCM Playback (Cont.)
STEP
TASK
REGISTER/BIT FIELDS
VALUE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com