Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS43130 Datasheet(PDF) 95 Page - Cirrus Logic

Part # CS43130
Description  130-dB, 32-Bit High-Performance DAC with Integrated Headphone Driver
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43130 Datasheet(HTML) 95 Page - Cirrus Logic

Back Button CS43130 Datasheet HTML 91Page - Cirrus Logic CS43130 Datasheet HTML 92Page - Cirrus Logic CS43130 Datasheet HTML 93Page - Cirrus Logic CS43130 Datasheet HTML 94Page - Cirrus Logic CS43130 Datasheet HTML 95Page - Cirrus Logic CS43130 Datasheet HTML 96Page - Cirrus Logic CS43130 Datasheet HTML 97Page - Cirrus Logic CS43130 Datasheet HTML 98Page - Cirrus Logic CS43130 Datasheet HTML 99Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 137 page
background image
DS1073F1
95
CS43130
7 Register Descriptions
7 Register Descriptions
All registers are read/write, except for the device’s ID, revision, and status registers, which are read only. The following
tables describe bit assignments. The default state of each bit after a power-up sequence or reset is listed in each bit
description. All reserved bits must maintain their default state.
7.1 Global Registers
7.1.1
Device ID A and B
Address 0x10000
R/O
76543210
DEVIDA
DEVIDB
Default
01000011
Bits
Name
Description
7:4
DEVIDA
Part number first digit: 4
3:0
DEVIDB
Part number second digit: 3
7.1.2
Device ID C and D
Address 0x10001
R/O
76543210
DEVIDC
DEVIDD
Default
00010011
Bits
Name
Description
7:4
DEVIDC
Part number third digit: 1
3:0
DEVIDD
Part number fourth digit: 3
7.1.3
Device ID E
Address 0x10002
R/O
76543210
DEVIDE
—
Default
00000000
Bits
Name
Description
7:4
DEVIDE
Part number fifth digit: 0
3:0
—
Reserved
7.1.4
Revision ID
Address 0x10004
R/O
76543210
AREVID
MTLREVID
Default
xxxxxxxx
Bits
Name
Description
7:4
AREVID
Alpha revision. AREVID and MTLREVID form the complete device revision ID (e.g., A0, B2).
3:0
MTLREVID
Metal revision. AREVID and MTLREVID form the complete device revision ID (e.g., A0, B2).
7.1.5
Subrevision ID
Address 0x10005
R/O
76543210
SUBREVID
Default
xxxxxxxx
Bits
Name
Description
7:0
SUBREVID
Subrevision level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com