Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS43130 Datasheet(PDF) 72 Page - Cirrus Logic

Part # CS43130
Description  130-dB, 32-Bit High-Performance DAC with Integrated Headphone Driver
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43130 Datasheet(HTML) 72 Page - Cirrus Logic

Back Button CS43130 Datasheet HTML 68Page - Cirrus Logic CS43130 Datasheet HTML 69Page - Cirrus Logic CS43130 Datasheet HTML 70Page - Cirrus Logic CS43130 Datasheet HTML 71Page - Cirrus Logic CS43130 Datasheet HTML 72Page - Cirrus Logic CS43130 Datasheet HTML 73Page - Cirrus Logic CS43130 Datasheet HTML 74Page - Cirrus Logic CS43130 Datasheet HTML 75Page - Cirrus Logic CS43130 Datasheet HTML 76Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 137 page
background image
72
DS1073F1
CS43130
5.10 Example Sequences
5.10.4 Analog-In Startup
Ex. 5-14 shows an example sequence of starting up the CS43130 in analog passthrough mode.
5.10.5 Switching from Analog-In to PCM Playback
Ex. 5-15 assumes that:
• The CS43130 is powered up, out of reset, and is currently operating in analog passthrough mode as in Ex. 5-14.
• The ASP and PCM interfaces are not yet configured.
• CS43130 XTI/XTO is connected to a 22.5792-MHz crystal.
• ASP interface is slave.
44 Set MCLK source and frequency
System Clocking Control. 0x10006
0x05
Reserved
MCLK_INT
MCLK_SRC_SEL
0000 0
1
01
MCLK Frequency is set to 22.5792 MHz
MCLK Source is set to PLL
45 Wait for at least 150 µs.
46 Enable ASP clocks
Pad Interface Configuration. 0x1000D 0x02
Reserved
XSP_3ST
ASP_3ST
0000 00
1
0
XSP Interface status is don't care (set to default)
Enable serial clocks in Master Mode
47 Power up HP
Refer to Ex. 5-10 for DSD power-up sequence. Note that in Step 2 of Ex. 5-10, HH = BF for DoP on
ASP interface. Skip Step 1 of Ex. 5-10 (completed in Step 3 above).
Example 5-14. Start Up to Analog-In
STEP
TASK
REGISTER/BIT FIELDS
VALUE
DESCRIPTION
1
Apply all relevant power supplies, then assert RESET.
2
Wait for 1.5 ms. MCLK Source is set to RCO by default.
3
Enable Headphone detect. See Section 5.10.8 “Headphone Detection”
4
Enable HPINx path. See See Section 5.6.1 “HPINx Alternate Headphone Path Enable Sequence”
Example 5-15. Switching from Analog-In to PCM Playback
STEP
TASK
REGISTER/BIT FIELDS
VALUE
DESCRIPTION
1
Configure XTAL driver.
2
Configure XTAL bias current
strength (assuming River Crystal
at 22.5792 MHz)
Crystal Setting. 0x20052
0x04
Reserved
XTAL_IBIAS
0000 0
100
Bias current set to 12.5 µA
3
Read Interrupt Status 1 register (0xF0000) to clear sticky bits.
4
Enable XTAL interrupts
Interrupt Mask 1. 0xF0010
data(0xF0010)
AND 0xE7
DAC_OVFL_INT_MASK
HPDETECT_PLUG_INT_MASK
HPDETECT_UNPLUG_INT_MASK
XTAL_READY_INT_MASK
XTAL_ERROR_INT_MASK
PLL_READY_INT_MASK
PLL_ERROR_INT_MASK
PDN_DONE_INT_MASK
x
x
x
0
0
x
x
x
Enable XTAL_READY interrupt
Enable XTAL_ERROR interrupt
5
Start XTAL
Power Down Control. 0x20000
data (0x20000)
AND 0xF6
PDN_XSP
PDN_ASP
PDN_DSDIF
PDN_HP
PDN_XTAL
PDN_PLL
PDN_CLKOUT
Reserved
x
x
x
x
0
x
x
0
Power up XTAL driver
6
Apply PCM power-up initialization. Refer to Ex. 5-7
7
Configure ASP interface. Sample rate set to 44.1 kHz. ASP is slave to incoming clock.
8
Set ASP sample rate
Serial Port Sample Rate. 0x1000B
0x01
Reserved
ASP_SPRATE
0000
0001
Set sample rate to 44.1 kHz
Example 5-13. DoP Playback with PLL (Cont.)
STEP
TASK
REGISTER/BIT FIELDS
VALUE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com