Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS43130 Datasheet(PDF) 28 Page - Cirrus Logic

Part # CS43130
Description  130-dB, 32-Bit High-Performance DAC with Integrated Headphone Driver
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43130 Datasheet(HTML) 28 Page - Cirrus Logic

Back Button CS43130 Datasheet HTML 24Page - Cirrus Logic CS43130 Datasheet HTML 25Page - Cirrus Logic CS43130 Datasheet HTML 26Page - Cirrus Logic CS43130 Datasheet HTML 27Page - Cirrus Logic CS43130 Datasheet HTML 28Page - Cirrus Logic CS43130 Datasheet HTML 29Page - Cirrus Logic CS43130 Datasheet HTML 30Page - Cirrus Logic CS43130 Datasheet HTML 31Page - Cirrus Logic CS43130 Datasheet HTML 32Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 137 page
background image
28
DS1073F1
CS43130
4.3 Class H Amplifier Output
AMUTE, DSD_AMUTE_BEQA, DSD_MUTE_A, DSD_MUTE_B, DSD_INV_A, DSD_INV_B, DSD_SWAP_CHAN, and
DSD_COPY_CHAN. Refer to Section 7.4.1–Section 7.4.7 for control register details.
4.3 Class H Amplifier Output
Fig. 4-2 shows the Class H operation.
Figure 4-2. Class H Operation
The CS43130 headphone output amplifiers use Cirrus Logic two-mode Class H technology. This technology maximizes
operating efficiency of the typical Class AB amplifier while maintaining high performance. In a Class H amplifier design,
the rail voltages supplied to the amplifier vary with the needs of the music passage that is being amplified. This prevents
unnecessarily wasting energy during low power passages of program material or when the program material is played
back at a low volume level.
The internal charge pump, which creates the rail voltages for the headphone amplifiers, is the central component of the
two-mode Class H technology implemented in the CS43130. The charge pump receives its input voltage from the voltage
present on the VCP or VP pin. From this input voltage, the charge pump creates the differential rail voltages supplied to
the amplifier output stages. The charge pump can supply two sets of differential rail voltages: ±VCP and ±VP_LDO.
HV_EN setting, as shown in Fig. 4-3, determines the VP_LDO voltage as shown in Table 4-1. HV_EN = 1 setting is
required to support the 1.7-V full-scale voltage for a 600-
 load and above. In this setting, minimum VP is required to be
higher than 3.3 V, and any load below 600
 is not supported. When HV_EN = 0, the max output voltage is 1.4-V RMS
full-scale voltage. In this setting, minimum VP is required to be higher than 3 V, and the full headphone load range is
supported.
Figure 4-3. Internal LDO Configuration
Table 4-1. VP_LDO Voltage Per HV_EN Setting
HV_EN
VP_LDO Voltage
02.6 V
13.0 V
VCP
Class H Control
VCP_FILT–
–VCP
–VP_LDO V
VCP_FILT+
+VCP
+VP_LDO V
VP
ADPT_PWR p. 112
VP
VP_LDO
Internal
LDO
HV_EN p. 112



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com