Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLUENRG-2 Datasheet(PDF) 132 Page - STMicroelectronics

Part # BLUENRG-2
Description  Bluetooth® low energy wireless system-on-chip
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-2 Datasheet(HTML) 132 Page - STMicroelectronics

Back Button BLUENRG-2 Datasheet HTML 128Page - STMicroelectronics BLUENRG-2 Datasheet HTML 129Page - STMicroelectronics BLUENRG-2 Datasheet HTML 130Page - STMicroelectronics BLUENRG-2 Datasheet HTML 131Page - STMicroelectronics BLUENRG-2 Datasheet HTML 132Page - STMicroelectronics BLUENRG-2 Datasheet HTML 133Page - STMicroelectronics BLUENRG-2 Datasheet HTML 134Page - STMicroelectronics BLUENRG-2 Datasheet HTML 135Page - STMicroelectronics BLUENRG-2 Datasheet HTML 136Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 190 page
background image
Functional details
BlueNRG-2
132/190
DocID030675 Rev 2
Sys. Int.
Interrupt
pending
flag
Mode 1
Mode 1a
Mode 2
Mode 3
Mode 4
PWM and
counter
PWM
pulse train
Dual-input
capture
and
counter
Dual
independent
counter
Input
capture
plus timer
Timer int.
2 (MFT1B,
MFT2B)
TnDPND
TnCNT2
underflow
TnCNT2
underflow
TnCNT2
underflow
TnCNT2
reload from
TnCRB
TnCNT2
underflow
3.13.3
MFT registers
MFT1 peripheral base address (MFT1_BASE_ADDR) 0x40D00000.
MFT2 peripheral base address (MFT2_BASE_ADDR) 0x40E00000.
Table 159: MFTX registers
Address
offset
Name
RW
Reset
Description
0x00
TNCNT1
RW
0x00000000
Timer / Counter1 register
0x04
TnCRA
RW
0x00000000
Capture / Reload A register
0x08
TNCRB
RW
0x00000000
Capture / Reload B register
0x0C
TNCNT2
RW
0x00000000
Timer / Counter2 register
0x10
TNPRSC
RW
0x00000000
Clock prescaler register
0x14
TNCKC
RW
0x00000000
Clock unit control register. Refer to the detailed
description below.
0x18
TNMCTRL
RW
0x00000000
Timer mode control register. Refer to the detailed
description below.
0x1C
TNICTRL
RW
0x00000000
Timer interrupt control register. Refer to the
detailed description below.
0x20
TNICLR
W
0x00000000
Timer interrupt clear register. Refer to the detailed
description below.
Table 160: MFTX
– TNCNT1 register description: address offset MFTX_BASE_ADDR+0x00
Bit
Field name
Reset
RW
Description
15:0
TNCNT1
0x0000
RW
Register counter of timer1.
31:16
RESERVED
0x0
R
RESERVED
Table 161: MFTX
– TNCRA register description: address offset MFTX_BASE_ADDR+0x04
Bit
Field name
Reset
RW
Description
31:0
TNCRA
0x0000
RW
Register capture/reload A.
31:16
RESERVED
0x0
R
RESERVED
Table 162: MFTX
– TNCRB register description: address offset MFTX_BASE_ADDR+0x08
Bit
Field name
Reset
RW
Description
31:0
TNCRB
0x0000
RW
Register capture/reload B.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com