Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10F166 Datasheet(PDF) 7 Page - STMicroelectronics

Part # ST10F166
Description  16-BIT MCU WITH 256K FLASH MEMORY
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F166 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ST10F166 Datasheet HTML 3Page - STMicroelectronics ST10F166 Datasheet HTML 4Page - STMicroelectronics ST10F166 Datasheet HTML 5Page - STMicroelectronics ST10F166 Datasheet HTML 6Page - STMicroelectronics ST10F166 Datasheet HTML 7Page - STMicroelectronics ST10F166 Datasheet HTML 8Page - STMicroelectronics ST10F166 Datasheet HTML 9Page - STMicroelectronics ST10F166 Datasheet HTML 10Page - STMicroelectronics ST10F166 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 62 page
background image
ST10F166
7/62
P3.0 –
P3.15
80 – 92,
95 – 97
80
81
82
83
84
85
86
87
88
89
90
91
92
95
96
97
I/O
I/O
I
O
I
O
I
I
I
I
O
I/O
O
I/O
O
O
I
O
Port 3 is a 16-bit bidirectional I/O port. It is bit-wise programmable
for input or output via direction bits. For a pin configured as input,
the output driver is put into high-impedance state.
The following Port 3 pins also serve for alternate functions:
P3.0T0INCAPCOM Timer T0 Count Input
P3.1T6OUTGPT2 Timer T6 Toggle Latch Output
P3.2CAPINGPT2 Register CAPREL Capture Input
P3.3T3OUTGPT1 Timer T3 Toggle Latch Output
P3.4T3EUDGPT1 Timer T3 Ext.Up/Down Ctrl.Input
P3.5T4INGPT1 Timer T4 Input for
Count/Gate/Reload/Capture
P3.6T3INGPT1 Timer T3 Count/Gate Input
P3.7T2INGPT1 Timer T2 Input for
Count/Gate/Reload/Capture
P3.8TxD1ASC1 Clock/Data Output (Asyn./Syn.)
P3.9RxD1ASC1 Data Input (Asyn.) or I/O (Syn.)
P3.10T
×D0ASC0 Clock/Data Output (Asyn./Syn.)
P3.11R
×D0ASC0 Data Input (Asyn.) or I/O (Syn.)
P3.12BHEExt. Memory High Byte Enable Signal,
P3.13WRExternal Memory Write Strobe
P3.14READYReady Signal Input
P3.15CLKOUTSystem Clock Output (=CPU Clock)
P0.0 –
P0.15
98 – 5
8– 15
I/O
Port 0 is a 16-bit bidirectional IO port. It is bit-wise programmable
for input or output via direction bits. For a pin configured as input,
the output driver is put into high-impedance state.
In case of an external bus configuration, Port 0 serves as the ad-
dress (A) and address/data (AD) bus in multiplexed bus modes
and as the data (D) bus in demultiplexed bus modes.
Demultiplexed bus modes:
Data Path Width:8-bit 16-bit
P0.0 – P0.7:D0 – D7
D0 - D7
P0.8 – P0.15:output!
D8 - D15
Multiplexed bus modes:
Data Path Width:8-bit 16-bit
P0.0 – P0.7:AD0 – AD7AD0 - AD7
P0.8 – P0.15:A8 - A15 AD8 - AD15
VAREF
54
-
Reference voltage for the A/D converter for ST10F166 &
ST10F166-16..
VAGND
55
-
Reference ground for the A/D converter for ST10F166 &
ST10F166-16..
VDD
7, 18, 38,
61, 79,
93
-
Digital Supply Voltage:
+ 5 V during normal operation and idle mode.
≥ 2.5 V during power down mode
VSS
6, 21, 39,
60, 78,
94
-
Digital Ground.
Symbol
Pin
Number
Input (I)
Output (O)
Function
Table 1. Pin Definition and Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com