Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10F166 Datasheet(PDF) 22 Page - STMicroelectronics

Part # ST10F166
Description  16-BIT MCU WITH 256K FLASH MEMORY
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F166 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button ST10F166 Datasheet HTML 18Page - STMicroelectronics ST10F166 Datasheet HTML 19Page - STMicroelectronics ST10F166 Datasheet HTML 20Page - STMicroelectronics ST10F166 Datasheet HTML 21Page - STMicroelectronics ST10F166 Datasheet HTML 22Page - STMicroelectronics ST10F166 Datasheet HTML 23Page - STMicroelectronics ST10F166 Datasheet HTML 24Page - STMicroelectronics ST10F166 Datasheet HTML 25Page - STMicroelectronics ST10F166 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 62 page
background image
22/62
ST10F166
11 WATCHDOG TIMER
The Watchdog Timer of the ST10F166 represents one of the fail-safe mechanisms
which have been implemented to prevent the controller from malfunctioning for longer
periods of time.
The Watchdog Timer of the ST10F166 is always enabled after a reset of the chip, and
can only be disabled in the time interval until the EINIT (end of initialization) instruc-
tion has been executed. Thus, the chip’s start-up procedure is always monitored.
When the software has been designed to service the Watchdog Timer before it over-
flows, the Watchdog Timer times out if the program does not progress properly due to
hardware or software related failures. When the Watchdog Timer overflows, it gener-
ates an internal hardware reset and pulls the RSTOUT pin low in order to allow exter-
nal hardware components to reset.
The Watchdog Timer of the ST10F166 is a 16-bit timer which can either be clocked
with fosc/4 or fosc/256. The high byte of the Watchdog Timer register can be set to a
prespecified reload value (stored in WDTREL) in order to allow further variation of the
monitored time interval. Each time it is serviced by the application software, the high
byte of the Watchdog Timer is reloaded. Thus, time intervals between 25
µs and 420
ms can be monitored (@fosc = 40 MHz). The default Watch-dog Timer interval after
reset is 6.55 ms.
12 PARALLEL PORTS
The ST10F166 provides 76 I/O lines which are organized into four 16-bit I/O ports
(Port 0 through 3), one 2-bit I/O port (Port 4), and one 10-bit input port (Port 5). All port
lines are bit addressable, and all lines of Port 0 through 4 are individually bit program-
mable as inputs or outputs via direction registers. The I/O ports are true bidirectional
ports which are switched to the high impedance state when configured as inputs. Dur-
ing the internal reset, all port pins are configured as inputs.
Each port line has one programmable alternate input or output function associated
with it. Ports 0 and 1 may be used as address and data lines when accessing external
memory, while Port 4 outputs the additional segment address bits A16 and A17 in
systems where segmentation is enabled to access more than 64 Kbytes of memory.
Port 2 is associated with the capture inputs/compare outputs of the CAPCOM unit,
and Port 3 includes alternate functions of timers, serial interfaces, optional bus con-
trol signals (WR, BHE, READY), and the system clock output (CLKOUT). Port 5 is
used for the analog input channels to the A/D converter. When none of the alternate
functions is not used, the respective port line may be used as general purpose I/O
line.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com