Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10F166 Datasheet(PDF) 3 Page - STMicroelectronics

Part # ST10F166
Description  16-BIT MCU WITH 256K FLASH MEMORY
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F166 Datasheet(HTML) 3 Page - STMicroelectronics

  ST10F166 Datasheet HTML 1Page - STMicroelectronics ST10F166 Datasheet HTML 2Page - STMicroelectronics ST10F166 Datasheet HTML 3Page - STMicroelectronics ST10F166 Datasheet HTML 4Page - STMicroelectronics ST10F166 Datasheet HTML 5Page - STMicroelectronics ST10F166 Datasheet HTML 6Page - STMicroelectronics ST10F166 Datasheet HTML 7Page - STMicroelectronics ST10F166 Datasheet HTML 8Page - STMicroelectronics ST10F166 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 62 page
background image
ST10F166
3/62
1 INTRODUCTION
The ST10F166 is the FLASH memory members of the ST10 family of microcontrol-
lers developed and produced by SGS-THOMSON Microelectronics in CMOS tech-
nology. they combine high CPU performance (up to 10 million instructions per sec-
ond) with high peripheral functionality, enhanced IO-capabilities and an on-chip re-
programmable 32 KByte Flash Memory.
The ST10F166-16 derives its CPU clock signal (operating clock) directly from the on-
chip oscillator without using a prescaler.
With a clock duty cycle of 0.4 to 0.6, the recommended clock frequency is 16MHz for
the ST10F166.
The ST10F166 operates at half the oscillator clock frequency (using a 2:1 oscillator
prescaler).
Figure 1. Logic Symbol
VR02058
V
DD
V
SS
V
PP/EBC1
Port 0 = 16-Bit
Port 1 = 16-Bit
Port 2 = 16-Bit
Port 3 = 16-Bit
Port 4 = 2-Bit
Port 5 = 10-Bit
ST10F160 / F166



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com