Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10F166 Datasheet(PDF) 18 Page - STMicroelectronics

Part # ST10F166
Description  16-BIT MCU WITH 256K FLASH MEMORY
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F166 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button ST10F166 Datasheet HTML 14Page - STMicroelectronics ST10F166 Datasheet HTML 15Page - STMicroelectronics ST10F166 Datasheet HTML 16Page - STMicroelectronics ST10F166 Datasheet HTML 17Page - STMicroelectronics ST10F166 Datasheet HTML 18Page - STMicroelectronics ST10F166 Datasheet HTML 19Page - STMicroelectronics ST10F166 Datasheet HTML 20Page - STMicroelectronics ST10F166 Datasheet HTML 21Page - STMicroelectronics ST10F166 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 62 page
background image
18/62
ST10F166
Interrupt System (Cont’d)
The following table shows all of the possible ST10F166 interrupt sources and the cor-
responding hardware-related interrupt flags, vectors, vector locations and trap (inter-
rupt) numbers:
Table 3. Interrupt Sources and Hardware Location
Source of Interrupt or
PEC Service Request
Request
Flag
Enable
Flag
Interrupt
Vector
Vector
Location
Trap
Number
CAPCOM Register 0
CAPCOM Register1
CAPCOM Register 2
CAPCOM Register 3
CAPCOM Register 4
CAPCOM Register 5
CAPCOM Register 6
CAPCOM Register 7
CAPCOM Register 8
CAPCOM Register 9
CAPCOM Register 10
CAPCOM Register 11
CAPCOM Register 12
CAPCOM Register 13
CAPCOM Register 14
CAPCOM Register 15
CAPCOM Timer 0
CAPCOM Timer 1
GPT 1 Timer 2
GPT 1 Timer 3
GPT 1 Timer 4
GPT 1 Timer 5
GPT 1 Timer 6
GPT 2 CAPREL Register
A/D Conversion Complete
A/D Overrun Error
Serial Channel 0 Transmit
Serial Channel 0 Receive
Serial Channel 0 Error
Serial Channel 1 Transmit
Serial Channel 1 Receive
Serial Channel 1 Error
CC0IR
CC1IR
CC2IR
CC3IR
CC4IR
CC5IR
CC6IR
CC7IR
CC8IR
CC9IR
CC10IR
CC11IR
CC12IR
CC13IR
CC14IR
CC15IR
T0IR
T1IR
T2IR
T3IR
T4IR
T5IR
T6IR
CRIR
ADCIR
ADEIR
S0TIR
S0RIR
S0EIR
S1TIR
S1RIR
S1EIR
CC0IE
CC1IE
CC2IE
CC3IE
CC4IE
CC5IE
CC6IE
CC7IE
CC8IE
CC9IE
CC10IE
CC11IE
CC12IE
CC13IE
CC14IE
CC15IE
T0IE
T1IE
T2IE
T3IE
T4IE
T5IE
T6IE
CRIE
ADCIE
ADEIE
S0TIE
S0RIE
S0EIE
S1TIE
S1RIE
S1EIE
CC0INT
CC1INT
CC2INT
CC3INT
CC4INT
CC5INT
CC6INT
CC7INT
CC8INT
CC9INT
CC10INT
CC11INT
CC12INT
CC13INT
CC14INT
CC15INT
T0INT
T1INT
T2INT
T3INT
T4INT
T5INT
T6INT
CRINT
ADCINT
ADEINT
S0TINT
S0RINT
S0EINT
S1TINT
S1RINT
S1EINT
40h
44h
48h
4Ch
50h
54h
58h
5Ch
60h
64h
68h
6Ch
70h
74h
78h
7Ch
80h
84h
88h
8Ch
90h
94h
98h
9Ch
A0h
A4h
A8h
ACh
B0h
B4h
B8h
BCh
10h
11h
12h
13h
14h
15h
16h
17h
18h
19h
1Ah
1Bh
1Ch
1Dh
1Eh
1Fh
20h
21h
22h
23h
24h
25h
26h
27h
28h
29h
2Ah
2Bh
2Ch
2Dh
2Eh
2Fh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com