Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10F166 Datasheet(PDF) 19 Page - STMicroelectronics

Part # ST10F166
Description  16-BIT MCU WITH 256K FLASH MEMORY
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F166 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button ST10F166 Datasheet HTML 15Page - STMicroelectronics ST10F166 Datasheet HTML 16Page - STMicroelectronics ST10F166 Datasheet HTML 17Page - STMicroelectronics ST10F166 Datasheet HTML 18Page - STMicroelectronics ST10F166 Datasheet HTML 19Page - STMicroelectronics ST10F166 Datasheet HTML 20Page - STMicroelectronics ST10F166 Datasheet HTML 21Page - STMicroelectronics ST10F166 Datasheet HTML 22Page - STMicroelectronics ST10F166 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 62 page
background image
ST10F166
19/62
Interrupt System (Cont’d)
Except when another higher prioritized trap service being in progress, a hardware
trap will interrupt any actual program execution. In turn, hardware trap services can
normally not be interrupted by standard or PEC interrupts.
The following table shows all of the possible exceptions or error conditions that can
arise during run-time:
Table 4. Exceptions and Errors during Runtime
Exception Condition
Trap
Flag
Trap
Vector
Vector
Location
Trap
Number
Trap
priority
Reset Functions:
Hardware Reset
Software Reset
Watchdog Timer Overflow
RESET
RESET
RESET
0h
0h
0h
0h
0h
0h
III
III
III
Class A Hardware Traps:
Non-Maskable Interrupt
Stack Overflow
Stack Underflow
NMI
STKOF
STKUF
NMITRAP
STOP-
TRAP
STUTRAP
08h
10h
18h
2h
4h
6h
II
II
II
Class B Hardware Traps:
Undefined Opcode
Protected Instruction Fault
Illegal Word Operand Access
Illegal Instruction Access
Illegal External Bus Access
UNDOPC
PRTFLT
ILLOPA
ILLINA
ILLBUS
BTRAP
BTRAP
BTRAP
BTRAP
BTRAP
28h
28h
28h
28h
28h
Ah
Ah
Ah
Ah
Ah
I
I
I
I
I
Reserved
[2Ch - 3Ch]
[Bh - Fh]
Software Traps
TRAP Instruction
Any
[0h - 1FCh]
in steps
of 4h
Any
[0h - 7Fh]
Current
CPU Pri-
ority



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com