Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10F166 Datasheet(PDF) 20 Page - STMicroelectronics

Part # ST10F166
Description  16-BIT MCU WITH 256K FLASH MEMORY
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F166 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button ST10F166 Datasheet HTML 16Page - STMicroelectronics ST10F166 Datasheet HTML 17Page - STMicroelectronics ST10F166 Datasheet HTML 18Page - STMicroelectronics ST10F166 Datasheet HTML 19Page - STMicroelectronics ST10F166 Datasheet HTML 20Page - STMicroelectronics ST10F166 Datasheet HTML 21Page - STMicroelectronics ST10F166 Datasheet HTML 22Page - STMicroelectronics ST10F166 Datasheet HTML 23Page - STMicroelectronics ST10F166 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 62 page
background image
20/62
ST10F166
9 A/D CONVERTER
For analog signal measurement, a 10-bit A/D converter with 10 multiplexed input
channels, a sample and hold circuit has been integrated on-chip. It uses the method
of successive approximation which returns the conversion result for an analog chan-
nel within 9.75
µs (@fosc = 40 MHz).
Overrun error detection capability is provided for the conversion result register (ADD-
AT): an interrupt request will be generated when the result of a previous conversion
has not been read from the result register at the time the next conversion is complete.
For applications which require less than 10 analog input channels, the remaining
channels can be used as digital input port pins.
The A/D converter of the ST10F166 supports four different conversion modes. In the
standard Single Channel conversion mode, the analog level on a specified channel is
once sampled and converted into a digital result. In the Single Channel Continuous
mode, the analog level is repeatedly sampled and converted without software inter-
vention. In the Auto Scan mode, the analog levels on a prespecified number of chan-
nels are sequentially sampled and converted. In the Auto Scan Continuous mode, the
number of prespecified channels is repeatedly sampled and converted.
The Peripheral Event Controller (PEC) may be used to automatically store the con-
version results into a table in memory for later evaluation, without requiring the over-
head of entering and exiting interrupt routines for each data transfer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com