Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10F166 Datasheet(PDF) 12 Page - STMicroelectronics

Part # ST10F166
Description  16-BIT MCU WITH 256K FLASH MEMORY
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F166 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button ST10F166 Datasheet HTML 8Page - STMicroelectronics ST10F166 Datasheet HTML 9Page - STMicroelectronics ST10F166 Datasheet HTML 10Page - STMicroelectronics ST10F166 Datasheet HTML 11Page - STMicroelectronics ST10F166 Datasheet HTML 12Page - STMicroelectronics ST10F166 Datasheet HTML 13Page - STMicroelectronics ST10F166 Datasheet HTML 14Page - STMicroelectronics ST10F166 Datasheet HTML 15Page - STMicroelectronics ST10F166 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 62 page
background image
12/62
ST10F166
5 FLASH MEMORY PROGRAMMING AND ERASURE
The FLASH memory is programmed using the PRESTO F Program Write algorithm for
reliability. This algorithm provides a typical programming time of 25
µs per word and
erasing of 1s per bank.
Erasure of the FLASH memory is performed in the program mode using the PRESTO
F Erase algo-rithm, and operates on the selected bank of the memory.
Timing of the Write/Erase cycles is automatically generated by a programmable timer
and completion is indicated by a flag. A second flag indicates that the V
PP voltage was
correct for the whole programming cycle to ensure reliability.
The FLASH memory features a typical endurance of 100 Erase/Program cycles.
6 FLASH MEMORY SECURITY
Security and reliability are enhanced by the built-in features. A key code sequence is
used to enter the Write/Erase mode preventing false write cycles, while a program-
mable option (set by the programming board) prevent any access to the FLASH
memory from the internal RAM or from External Memory. If the security option is set,
the FLASH memory is accessed only from program within the FLASH memory area.
This protection may be disabled by instructions executed from the FLASH memory
only (when not in write/erase mode).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com