Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10F166 Datasheet(PDF) 30 Page - STMicroelectronics

Part # ST10F166
Description  16-BIT MCU WITH 256K FLASH MEMORY
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F166 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button ST10F166 Datasheet HTML 26Page - STMicroelectronics ST10F166 Datasheet HTML 27Page - STMicroelectronics ST10F166 Datasheet HTML 28Page - STMicroelectronics ST10F166 Datasheet HTML 29Page - STMicroelectronics ST10F166 Datasheet HTML 30Page - STMicroelectronics ST10F166 Datasheet HTML 31Page - STMicroelectronics ST10F166 Datasheet HTML 32Page - STMicroelectronics ST10F166 Datasheet HTML 33Page - STMicroelectronics ST10F166 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 62 page
background image
30/62
ST10F166
Software Description (Cont’d)
Table 6. Addressing Mode Summary
Table 7. Condition Code Summary
Addressing Mode
Notation
3 bit Immediate Data
4 bit Immediate Data
8 bit Immediate Data
16 bit Immediate Data
8 bit Immediate Mask
GPR register direct
SFR or GPR register direct
Memory direct
Memory indirect
Memory indirect with Post-increment
Memory indirect with Pre-decrement
Memory indirect with a 16-bit cinstant
Direct Word Offset
Bit Address
#data3
#data4
#data8
#data16
#mask
Rw
Rb
reg
Mem
[Rw]
[Rw+]
[-Rw]
[Rw+#data16]
bitoff
bitaddr.b
UC
Unconditional
1=1
Z
Zero
Z=1
NZ
No Zero
Z=0
V
Overflow
V=1
NV
No Overflow
V=0
N
Negative
N=1
NN
Not Negative
N=0
C
Carry
C=1
NC
No Carry
C=0
EQ
Equal
Z=1
NE
Not Equal
Z=0
ULT
Unsigned Less Than
C=1
UGE
Unsigned Greater Than or Equal
C=0
ULE
Unsigned Less Than or Equal
(Z or C)=1
UGT
Unsigned Greater Than
(Z or C)=0
SLT
Signed Less Than
(N xor V)=1
SGE
Signed Greater Than or Equal
(N xor V)=0
SLE
Signed Less Than or Equal
(Z or (N xor V))=1
SGT
Signed Greater Than
(Z or (N xor V))=0
NET
Not Equal AND Not End of Table
(Z or E)=0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com