Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10F166 Datasheet(PDF) 23 Page - STMicroelectronics

Part # ST10F166
Description  16-BIT MCU WITH 256K FLASH MEMORY
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F166 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button ST10F166 Datasheet HTML 19Page - STMicroelectronics ST10F166 Datasheet HTML 20Page - STMicroelectronics ST10F166 Datasheet HTML 21Page - STMicroelectronics ST10F166 Datasheet HTML 22Page - STMicroelectronics ST10F166 Datasheet HTML 23Page - STMicroelectronics ST10F166 Datasheet HTML 24Page - STMicroelectronics ST10F166 Datasheet HTML 25Page - STMicroelectronics ST10F166 Datasheet HTML 26Page - STMicroelectronics ST10F166 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 62 page
background image
ST10F166
23/62
13 CAPTURE/COMPARE UNIT (CAPCOM)
The CAPCOM unit supports generation and control of timing sequences on up to 16
channels, with a maximum resolution of 400 ns. The CAPCOM unit is typically used
to handle high speed I/O tasks such as pulse and waveform generation, pulse width
modulation (PWM), Digital to Analog (D/A) conversion, software timing, or time re-
cording relative to external events.
Two 16-bit timers (T0/T1) with reload registers provide two independent time bases
for the capture/compare register array.
The input clock for the timers is programmable to several prescaled values of the in-
ternal system clock, or may be derived from an overflow/underflow of timer T6 in
module GPT2. This provides a wide range of variation for the timer period and reso-
lution and allows precise adjustment to the application specific requirements. In addi-
tion, an external count input for CAPCOM timer T0 allows event scheduling for the
capture/compare registers relative to external events.
The capture/compare register array contains 16 dual purpose capture/compare reg-
isters, each of which may be individually allocated to either CAPCOM timer T0 or T1,
and programmed for capture or compare function. Each register has one port pin as-
sociated with it which serves as an input pin for triggering the capture function, or as
an output pin to indicate the occurrence of a compare event.
When a capture/compare register has been selected for capture mode, the current
contents of the allocated timer will be latched (’captured’) into the capture/compare
register in response to an external event at the port pin which is associated with this
register. In addition, a specific interrupt request for this capture/compare register is
generated. Either a positive, a negative, or both a positive and a negative external
signal transition at the pin can be selected as the triggering event. The contents of all
registers which have been selected for one of the five compare modes are continu-
ously compared with the contents of the allocated timers. When a match occurs be-
tween the timer value and the value in a capture/compare register, specific actions
will be taken based on the selected compare mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com