Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10F166 Datasheet(PDF) 46 Page - STMicroelectronics

Part # ST10F166
Description  16-BIT MCU WITH 256K FLASH MEMORY
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F166 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button ST10F166 Datasheet HTML 42Page - STMicroelectronics ST10F166 Datasheet HTML 43Page - STMicroelectronics ST10F166 Datasheet HTML 44Page - STMicroelectronics ST10F166 Datasheet HTML 45Page - STMicroelectronics ST10F166 Datasheet HTML 46Page - STMicroelectronics ST10F166 Datasheet HTML 47Page - STMicroelectronics ST10F166 Datasheet HTML 48Page - STMicroelectronics ST10F166 Datasheet HTML 49Page - STMicroelectronics ST10F166 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 62 page
background image
46/62
ST10F166
AC Characteristics (Cont’d)
Multiplexed Bus for the ST10F166-16
V
CC =5 V
± 10 %;
V
SS =0V
T
A = 0 to +70
°C
C
L (for Port 0, Port 1, Port 4, ALE, RD, WR, BHE, CLKOUT) = 100 pF
ALE cycle time = 6 TCL + 2t
A +tC +tF (150 ns at 20-MHz CPU clock without wait-
states)
Parameter
Symbol
CPU Clock = 16 MHz
Duty cycle 0.4 to 0.6
Variable CPU Clock
1/CLP = 1 to 20 MHz
Unit
min.
max.
min.
max.
ALE high time
t
5
CC
15 + t
A
TCLmin -10
+t
A
–ns
Address setup to ALE
t6 CC
10 + t
A
TCLmin -15
+t
A
–ns
Address hold after ALE
t7 CC
15 + t
A
TCLmin -10
+t
A
–ns
ALE falling edge to RD, WR
(with RW-delay)
t8 CC
15 + tA
TCLmin -10
+t
A
–ns
ALE falling edge to RD, WR
(no RW-delay)
t9 CC
-10 + t
A
-10 + t
A
–ns
Address float after RD, WR
(with RW-delay)
t10CC
5
5
ns
Address float after RD, WR
(no RW-delay)
t11CC
42.5
TCLmax +5
ns
RD, WR low time
(with RW-delay)
t
12
CC
52.5 + t
C
CLP - 10
+t
C
–ns
RD WR low time
(no RW-delay)
t13 CC
77.5 + tC
CLP+TCLmin
-10 + t
C
–ns
RD to valid data in
(with RW-delay)
t
14
SR
47.5 + t
C
CLP - 20
+t
C
ns
RD to valid data in
(no RW-delay)
t
15
SR
72.5 + t
C
CLP+TCLmin
-20 + t
C
ns
ALE low to valid data in
t
16
SR
72.5
+t
A +tC
CLP+TCLmin
-20 + t
C
ns
Address to valid data in
t
17
SR
100
+2t
A +tC
2CLP - 25
+2t
A +tC
ns
Data hold after RD
rising edge
t18 SR
0
0
ns
Data float after RD
t
19
SR
47.5 + t
F
CLP - 15
+t
F
ns
Data valid to WR
t
22
CC
47.5 + t
C
CLP - 15 + t
C
–ns
Data hold after WR
t
23
CC
47.5 + t
F
CLP - 15 + t
F
–ns
ALE rising edge after RD, WR
t
25
CC
47.5 + t
F
CLP - 15 + t
F
–ns
Address hold after RD, WR
t
27
CC
47.5 + t
F
CLP - 15 + t
F
–ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com