Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10F166 Datasheet(PDF) 33 Page - STMicroelectronics

Part # ST10F166
Description  16-BIT MCU WITH 256K FLASH MEMORY
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F166 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button ST10F166 Datasheet HTML 29Page - STMicroelectronics ST10F166 Datasheet HTML 30Page - STMicroelectronics ST10F166 Datasheet HTML 31Page - STMicroelectronics ST10F166 Datasheet HTML 32Page - STMicroelectronics ST10F166 Datasheet HTML 33Page - STMicroelectronics ST10F166 Datasheet HTML 34Page - STMicroelectronics ST10F166 Datasheet HTML 35Page - STMicroelectronics ST10F166 Datasheet HTML 36Page - STMicroelectronics ST10F166 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 62 page
background image
ST10F166
33/62
17 SPECIAL FUNCTION REGISTER OVERVIEW
The following table lists all SFRs which are implemented in the ST10F166 in alpha-
betical order.
Bit-addressable SFRs are marked with the letter “b” in column “Name”.
An SFR can be specified via its individual mnemonic name. Depending on the select-
ed addressing mode, an SFR can be accessed via its physical address (using the
Data Page Pointers), or via its short 8-bit address (without using the Data Page Point-
ers).
Name
Physical
Address
8-Bit
Address
Description
Reset
Value
ADCIC
b
FF98h
CCh
A/D Converter End of Conversion Interrupt Control
Register
0000h
ADCON
b
FFA0h
D0h
A/D Converter Control Register
0000h
ADDAT
FEA0h
50h
A/D Converter Result Register
0000h
ADDRSEL1
FE18h
0Ch
Address Select Register
0000h
ADEIC
b
FF9Ah
CDh
A/D Converter Overrun Error Interrupt Control Reg-
ister
0000h
BUSCON1 b
FF14h
8Ah
Bus Configuration Register
0000h
CAPREL
FE4Ah
25h
GPT2 Capture/Reload Register
0000h
CC0
FE80h
40h
CAPCOM Register 0
0000h
CC0IC
b
FF78h
BCh
CAPCOM Register 0 Interrupt Control Register
0000h
CC1
FE82h
41h
CAPCOM Register 1
0000h
CC1IC
b
FF7Ah
BDh
CAPCOM Register 1 Interrupt Control Register
0000h
CC2
FE84h
42h
CAPCOM Register 2
0000h
CC2IC
b
FF7Ch
BEh
CAPCOM Register 2 Interrupt Control Register
0000h
CC3
FE86h
43h
CAPCOM Register 3
0000h
CC3IC
b
FF7Eh
BFh
CAPCOM Register 3 Interrupt Control Register
0000h
CC4
FE88h
44h
CAPCOM Register 4
0000h
CC4IC
b
FF80h
C0h
CAPCOM Register 4 Interrupt Control Register
0000h
CC5
FE8Ah
45h
CAPCOM Register 5
0000h
CC5IC
b
FF82h
C1h
CAPCOM Register 5 Interrupt Control Register
0000h
CC6
FE8Ch
46h
CAPCOM Register 6
0000h
CC6IC
b
FF84h
C2h
CAPCOM Register 6 Interrupt Control Register
0000h
CC7
FE8Eh
47h
CAPCOM Register 7
0000h
CC7IC
b
FF86h
C3h
CAPCOM Register 7 Interrupt Control Register
0000h
CC8
FE90h
48h
CAPCOM Register 8
0000h
CC8IC
b
FF88h
C4h
CAPCOM Register 8 Interrupt Control Register
0000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com