Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10F166 Datasheet(PDF) 2 Page - STMicroelectronics

Part # ST10F166
Description  16-BIT MCU WITH 256K FLASH MEMORY
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F166 Datasheet(HTML) 2 Page - STMicroelectronics

  ST10F166 Datasheet HTML 1Page - STMicroelectronics ST10F166 Datasheet HTML 2Page - STMicroelectronics ST10F166 Datasheet HTML 3Page - STMicroelectronics ST10F166 Datasheet HTML 4Page - STMicroelectronics ST10F166 Datasheet HTML 5Page - STMicroelectronics ST10F166 Datasheet HTML 6Page - STMicroelectronics ST10F166 Datasheet HTML 7Page - STMicroelectronics ST10F166 Datasheet HTML 8Page - STMicroelectronics ST10F166 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 62 page
background image
2/62
Table of Contents
ST10F166 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ...... ..... . . . 1
1 INTRODUCTION . . ... .. ... ... ... ... ... ... ... ... .... ... ... ... ... 3
2 MEMORY ORGANIZATION .. ... .. ... ... ... ... .... . . . . . . ... ... ... 8
3 EXTERNAL BUS CONTROLLER ... ..... ... ... ... . ... ... . . ... . . . . . 9
4 FLASH MEMORY ..... .. ... ... .. ... ... .... ... . . . . . . . . . ... .... . 11
5 FLASH MEMORY PROGRAMMING AND ERASURE . ... . . . ... .. .... . 12
6 FLASH MEMORY SECURITY . . ..... ... ... ... .. .. ... ... .. . . . . . .. 12
7 CENTRAL PROCESSING UNIT (CPU) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
8 INTERRUPT SYSTEM . . . . . . ... .. ... ... ... .... . . . ... . . . ... .... . 17
9 A/D CONVERTER . . .. . . . ... .. ... ... ... ... .... . . . . . . . . . ... ... .. 20
10 SERIAL CHANNELS ... ..... .. . . . . . . . . . . . . . . .. . ... .. . . . ... . . . . 21
11 WATCHDOG TIMER . ... .. ... ... ... ... ... ... ... .... ... ... ... .. 22
12 PARALLEL PORTS . . ... .. ... ... ... ... ... ... .... . . . ... ... ... .. 22
13 CAPTURE/COMPARE UNIT (CAPCOM) . . ... ... ... ... . . . ... ... . . . 23
14 GENERAL PURPOSE TIMER (GPT) UNIT . .. ... ... .... ... ... ... .. 25
15 SOFTWARE DESCRIPTION . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 28
16 INSTRUCTION SET SUMMARY .. ... ... ... ... ... .... ... ... ... .. 31
17 SPECIAL FUNCTION REGISTER OVERVIEW . . ... ... . . . ... .. .... . 33
18 ELECTRICAL CHARACTERISTICS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 37
18.1 Absolute Maximum Ratings . . . . . . . . . . . . . . .... . . . . . . ... ... .. 37
18.2 Parameter Interpretation .... . . ... ... ... ... . . . ... . . . ... .... . 37
18.3 DC Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 38
18.4 A/D Converter Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 41
18.5 Testing Waveforms . . . . . . . . . . . . . . . . . . . . . . . . .... ... ... ... .. 42
18.6 Memory Cycle Variables . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 42
18.7 AC Characteristics . . . . . . . . . . . . . . . . . . . . . .... . . . ... ... ... .. 43
19 GENERAL INFORMATION .. ... .. ... ... ... ... .... . . . ... ... ... .. 62
Page
Number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com