Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10F166 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST10F166
Description  16-BIT MCU WITH 256K FLASH MEMORY
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F166 Datasheet(HTML) 1 Page - STMicroelectronics

  ST10F166 Datasheet HTML 1Page - STMicroelectronics ST10F166 Datasheet HTML 2Page - STMicroelectronics ST10F166 Datasheet HTML 3Page - STMicroelectronics ST10F166 Datasheet HTML 4Page - STMicroelectronics ST10F166 Datasheet HTML 5Page - STMicroelectronics ST10F166 Datasheet HTML 6Page - STMicroelectronics ST10F166 Datasheet HTML 7Page - STMicroelectronics ST10F166 Datasheet HTML 8Page - STMicroelectronics ST10F166 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 62 page
background image
February 1996
1/62
This is preliminary information from SGS-THOMSON. Details are subject to change without notice.
ST10F166
16-BIT MCU WITH 256K FLASH MEMORY
s
High Performance 16-bit CPU with 4-Stage
Pipeline
s
100 ns Instruction Cycle Time at 20 MHz CPU
Clock
s
500 ns Multiplication (16
× 16 bit), 1 µs Division
(32 / 16 bit)
s
Enhanced Boolean Bit Manipulation Facilities
s
Register-Based Design with Multiple Variable
Register Banks
s
Single-Cycle Context Switching Support
s
Up to 256 KBytes Linear Address Space for
Code and Data
s
1 KByte On-Chip RAM
s
32 KBytes On-Chip Flash EPROM with Bank
Erase Feature
s
Protection-Optional Flash Memory
s
Dedicated
Flash
Control
Register
with
Operation Lock Mechanism
s
12 V External Flash Programming Voltage
s
Flash Program Verify and Erase Verify Modes
s
1000 Flash Program/Erase Cycles guaranteed
s
Programmable External Bus Characteristics for
Different Address Ranges
s
8-Bit or 16-Bit External Data Bus
s
Multiplexed or Demultiplexed External Address/
Data Buses
s
Hold and Hold-Acknowledge Bus Arbitration
Support
s
512 Bytes On-Chip Special Function Register
Area
s
Idle and Power Down Modes
s
8-Channel Interrupt-Driven Single-Cycle Data
Transfer Facilities via Peripheral Event
Controller (PEC)
s
16-Priority-Level Interrupt System
s
10-Channel 10-bit A/D Converter with 9.7
µs
Conversion Time (ST10F166)
s
16-Channel Capture/Compare Unit
s
Two Multi-Functional General Purpose Timer
Units with 5 Timers
s
Two Serial Channels (USARTs)
s
Programmable Watchdog Timer
s
Up to 76 General Purpose I/O Lines
s
Supported by a Wealth of Development Tools
like C-Compilers, Macro-Assembler Packages,
Emulators, Evaluation Boards, HLL-Debuggers,
Simulators,
Logic Analyzer Disassemblers,
Programming Boards
s
On-Chip Bootstrap Loader
s
100-Pin Plastic PQFP Package
PQFP100


Similar Part No. - ST10F166

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST10F163 STMICROELECTRONICS-ST10F163 Datasheet
368Kb / 58P
16-BIT MCU WITH 128KBYTE FLASH MEMORY
Apr-1999
ST10F167 STMICROELECTRONICS-ST10F167 Datasheet
549Kb / 69P
16-BIT MCU WITH 128K BYTE FLASH MEMORY
May-1997
ST10F168 STMICROELECTRONICS-ST10F168 Datasheet
897Kb / 74P
16-BIT MCU WITH 256K BYTE FLASH MEMORY AND 8K BYTE RAM
Jan-2002
ST10F168-Q3 STMICROELECTRONICS-ST10F168-Q3 Datasheet
897Kb / 74P
16-BIT MCU WITH 256K BYTE FLASH MEMORY AND 8K BYTE RAM
Jan-2002
ST10F168-Q6 STMICROELECTRONICS-ST10F168-Q6 Datasheet
897Kb / 74P
16-BIT MCU WITH 256K BYTE FLASH MEMORY AND 8K BYTE RAM
Jan-2002
More results

Similar Description - ST10F166

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST10F163 STMICROELECTRONICS-ST10F163 Datasheet
368Kb / 58P
16-BIT MCU WITH 128KBYTE FLASH MEMORY
Apr-1999
ST10F167 STMICROELECTRONICS-ST10F167 Datasheet
549Kb / 69P
16-BIT MCU WITH 128K BYTE FLASH MEMORY
May-1997
ST10F168 STMICROELECTRONICS-ST10F168 Datasheet
897Kb / 74P
16-BIT MCU WITH 256K BYTE FLASH MEMORY AND 8K BYTE RAM
Jan-2002
ST10F269 STMICROELECTRONICS-ST10F269 Datasheet
1Mb / 160P
16-BIT MCU WITH MAC UNIT, 256K BYTE FLASH MEMORY AND 12K BYTE RAM
Jun-2002
ST10F269Z2QX STMICROELECTRONICS-ST10F269Z2QX Datasheet
1Mb / 161P
16-BIT MCU WITH MAC UNIT, 256K BYTE FLASH MEMORY AND 12K BYTE RAM
Aug-2002
ST10F269-T3 STMICROELECTRONICS-ST10F269-T3 Datasheet
1Mb / 160P
16-BIT MCU WITH MAC UNIT, 256K BYTE FLASH MEMORY AND 12K BYTE RAM
Mar-2003
ST10F269ZX STMICROELECTRONICS-ST10F269ZX Datasheet
3Mb / 184P
16-BIT MCU WITH MAC UNIT, 128K to 256K BYTE FLASH MEMORY AND 12K BYTE RAM
Sep-2003
ST10F273E STMICROELECTRONICS-ST10F273E Datasheet
1Mb / 179P
16-bit MCU with 512 Kbyte Flash memory and 36 Kbyte RAM
11-May-2006
ST7FOXA0 STMICROELECTRONICS-ST7FOXA0 Datasheet
1Mb / 123P
8-bit MCU with single voltage Flash memory
04-Feb-2008
logo
Generalplus Technology ...
GPCE001A GENERALPLUS-GPCE001A Datasheet
643Kb / 25P
16-bit Sound Controller with 256K x 16 Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com