Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10F166 Datasheet(PDF) 41 Page - STMicroelectronics

Part # ST10F166
Description  16-BIT MCU WITH 256K FLASH MEMORY
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F166 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button ST10F166 Datasheet HTML 37Page - STMicroelectronics ST10F166 Datasheet HTML 38Page - STMicroelectronics ST10F166 Datasheet HTML 39Page - STMicroelectronics ST10F166 Datasheet HTML 40Page - STMicroelectronics ST10F166 Datasheet HTML 41Page - STMicroelectronics ST10F166 Datasheet HTML 42Page - STMicroelectronics ST10F166 Datasheet HTML 43Page - STMicroelectronics ST10F166 Datasheet HTML 44Page - STMicroelectronics ST10F166 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 62 page
background image
ST10F166
41/62
18.4 A/D Converter Characteristics
V
CC =5 V
± 10 %;
V
SS =0V
T
A = 0 to +70
°C
for ST10F166/166-16
4.0 V
≤ V
AREF
≤ V
CC+0.1 V; VSS-0.1 V
≤ V
AGND
≤ V
SS+0.2 V
Notes:
1) V
AIN may exceed VAGND or VAREF up to the absolute maximum ratings. However, the conversion result in
these cases will be X000H or X3FFH, respectively.
2) During the sample time the input capacitance C
I can be charged/discharged by the external source. The
internal resistance of the analog source must allow the capacitors to reach their final voltage level within
tS. After the end of the sample timetS, changes of the analog input voltage have no effect on the conversion
result.
The value for the sample clock is
tSC = TCL * 32.
3) This parameter includes the sample time t
S, the time for determining the digital result and the time to load
the result register with the conversion result.
The value for the conversion clock is
tCC = TCL * 32.
4) This parameter depends on the ADC control logic. It is not a real maximum value, but rather a fixum.
5) TUE is tested at V
AREF=5.0V, VAGND=0V, VCC=4.8V. It is guaranteed by design characterization for all
other voltages within the defined voltage range.
6) During the conversion the ADC’s capacitance must be repeatedly charged or discharged. The internal
resistance of the reference voltage source must allow the capacitors to reach their respective voltage level
within
tCC. The maximum internal resistance results from the CPU clock period.
7) Not 100% tested, guaranteed by design characterization.
Parameter
Symbol
Limit Values
Unit
Test Condition
min.
max.
Analog input voltage range
V
AIN
SR
V
AGND
V
AREF
V1)
Sample time
t
S
CC
2 t
SC
2) 4)
Conversion time
t
C
CC
10 tCC +tS +
4TCL
3) 4)
Total unadjusted error
TUE CC
± 3
LSB
5)
Internal resistance of reference
voltage source 7)
R
AREF
CC
t
CC /250
- 0.25
k
t
CC in [ns] 6) 7)
Internal resistance of analog
source 7)
R
ASRC CC
t
S / 500
- 0.25
k
t
S in [ns] 2) 7)
ADC input capacitance 7)
C
AIN
CC
50
pF
7)
V
AREF Supply Current
I
REF
–5
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com