Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10F166 Datasheet(PDF) 29 Page - STMicroelectronics

Part # ST10F166
Description  16-BIT MCU WITH 256K FLASH MEMORY
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F166 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button ST10F166 Datasheet HTML 25Page - STMicroelectronics ST10F166 Datasheet HTML 26Page - STMicroelectronics ST10F166 Datasheet HTML 27Page - STMicroelectronics ST10F166 Datasheet HTML 28Page - STMicroelectronics ST10F166 Datasheet HTML 29Page - STMicroelectronics ST10F166 Datasheet HTML 30Page - STMicroelectronics ST10F166 Datasheet HTML 31Page - STMicroelectronics ST10F166 Datasheet HTML 32Page - STMicroelectronics ST10F166 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 62 page
background image
ST10F166
29/62
Immediate data: these data are represented in the instruction formats by either 3,4,8
or 16 bits.
Branch target addressing modes: to specify the destination address and segment
of jump or call instructions, relative, absolute and indirect modes can be used to up-
date the Instruction Pointer (IP) register while the Code Segment Pointer (CSP) reg-
ister can be updated only with absolute values.
Condition Flags:
The condition flags of the PSW register (N,C,V,Z,E) indicate the ALU status due to
the last performed ALU operation. They are set by most of the instructions due to spe-
cific rules which depend on the ALU or data movement operation performed by an in-
struction. If the PSW register is the destination operand of an instruction, the PSW
flags do NOT represent the condition flags of this instruction as usual.
E: End of a table in a table search operation
Z: Zero
V: Overflow
C: Carry
N: Negative



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com