Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T48C893 Datasheet(PDF) 67 Page - ATMEL Corporation

Part # T48C893
Description  The multiple times programmable (MTP) version for the MARC4 ROM types
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T48C893 Datasheet(HTML) 67 Page - ATMEL Corporation

Back Button T48C893 Datasheet HTML 63Page - ATMEL Corporation T48C893 Datasheet HTML 64Page - ATMEL Corporation T48C893 Datasheet HTML 65Page - ATMEL Corporation T48C893 Datasheet HTML 66Page - ATMEL Corporation T48C893 Datasheet HTML 67Page - ATMEL Corporation T48C893 Datasheet HTML 68Page - ATMEL Corporation T48C893 Datasheet HTML 69Page - ATMEL Corporation T48C893 Datasheet HTML 70Page - ATMEL Corporation T48C893 Datasheet HTML 71Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 82 page
background image
T48C893
T48C893
Rev. A4, 22-Jan-02
67 (82)
10111
00
11
0
11
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Synchronize
Manchester demodulation mode
Timer 3
mode
T3EX
SI
SR–DATA
13817
T3I
CM31=SCI
10
011
0
Bit 0
Figure 77. Manchester demodulation
Combination mode 9: Biphase demodulation
SSI mode 1:
8-bit shift register internal data input (SI) and the internal shift clock (SCI) from the Timer 3
Timer 3 mode 11:
Biphase demodulation with Timer 3
In the Biphase demodulation mode the timer works like in the Manchester demodulation mode. The diffenence is that
the bits are decoded with the toggle flip-flop. This flip-flop samples the edge in the middle of the bitframe and the
compare register 1 match event shifts the toggle flip-flop output into shift register. Before activating the demodulation
the timer and the demodulation stage must be synchronized with the bitstream. The Biphase code timing consists of
parts with the half bitlength and the complete bitlength. The synchronization routine must start the demodulator after
an interval with the complete bitlength.
The counter can be driven by any internal clock source and the output T3O can be used by Timer 2 in this mode.
01
1
1
1
01
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Synchronize
Biphase demodulation mode
Timer 3
mode
T3EX
Q1=SI
CM31=SCI
SR–DATA
13818
00
0
0
T3I
Reset
Counter 3
10101
0
Bit 0
Figure 78. Biphase demodulation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com