| Electronic Components Datasheet Search |
|
T48C893 Datasheet(PDF) 25 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
T48C893 Datasheet(HTML) 25 Page - ATMEL Corporation |
|
25 / 82 page ![]() T48C893 T48C893 Rev. A4, 22-Jan-02 25 (82) 4.2.3 Bidirectional Port 5 This, and all other bidirectional ports include a bitwise programmable Control Register (P5CR), which allows the individual programming of each port bit as input or output. It also opens up the possibility of reading the pin condition when in output mode. This is a useful feature for self testing and for serial bus applications. The port pins can also be used as external interrupt inputs (see figures 24 & 25). The interrupts (INT1 and INT6) can be masked or independently configured to trigger on ei- ther edge. The interrupt configuration and port direction is controlled by the Port 5 Control Register (P5CR). An additional low resistance pull–up/–down transistor mask option provides an internal bus pull–up for serial bus ap- plications. The Port 5 Data Register (P5DAT) is I/O mapped to the primary address register of address ’5’h and the Port 5 Control Register (P5CR) to the corresponding auxiliary register. The P5CR is a byte-wide register and is config- ured by writing first the low nibble then the high nibble (see section 2.1 ”Addressing peripherals”). Master reset Q V DD BP5y Mask options * * P5DATy I/O Bus D IN enable I/O Bus * * Switched Switched V DD * Static Pull-up (Data out) * * S * V DD Static Pull-down pull-up pull-down Figure 24. Bidirectional Port 5 Bidir. Port Data in IN_Enable BP53 P53M2 P53M1 P52M2 P52M1 P51M2 P51M1 P50M2 P50M1 Decoder Decoder Decoder Decoder Bidir. Port Data in IN_Enable BP52 I/O–bus Bidir. Port Data in IN_Enable BP51 I/O–bus Bidir. Port Data in IN_Enable BP50 INT1 INT6 P5CR: 13764 Figure 25. Port 5 external interrupts |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |