| Electronic Components Datasheet Search |
|
T48C893 Datasheet(PDF) 75 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
T48C893 Datasheet(HTML) 75 Page - ATMEL Corporation |
|
75 / 82 page ![]() T48C893 T48C893 Rev. A4, 22-Jan-02 75 (82) Read Operations The EEPROM allows byte-, word- and current address read operations. The read operations are initiated in the same way as write operations. Every read access is initi- ated by sending the START condition followed by the control byte which contains the address and the read mode. After the device receives a read command it re- turns an acknowledge, loads the addressed word into the read\write buffer and sends the selected data byte to the master. The master has to acknowledge the received byte if it wants to proceed the read operation. If two bytes are read out from the buffer the device increments respec- tively decrements the word address automatically and loads the buffer with the next word. The read mode bits determines if the low or high byte is read first from the buffer and if the word address is incremented or decre- mented for the next read access. If the memory address limit is reached, the data word address will ”roll over” and the sequential read will continue. The master can termi- nate the read operation after every byte by not responding with an acknowledge (N) and by issuing a stop condition. Read One Data Byte Start Control byte A Data byte 1 N Stop Read Two Data Bytes Start Control byte A Data byte 1 A Data byte 2 N Stop Read n Data Bytes Start Control byte A Data byte 1 A Data byte 2 A – – – – Data byte n N Stop Read Control Bytes MSB LSB Read low byte first, address increment A4 A3 A2 A1 A0 C1 C0 R/NW Row address 0 1 1 Byte order LB(R) HB(R) LB(R+1) HB(R+1) – – – LB(R+n) HB(R+n) MSB LSB Read high byte first, addr. decrement A4 A3 A2 A1 A0 C1 C0 R/NW Row address 1 0 1 Byte order HB(R) LB(R) HB(R–1) LB(R–1) – – – HB(R–n) LB(R–n) A –> acknowledge, N –> no acknowledge; HB: high byte; LB: low byte, R: row address Initialization the Serial Interface to the EEPROM To prevent unexpected behaviour of the EEPROM and its interface it is good practice to use an initialization sequence after any reset of the circuit. This is performed by writing: Start “FFh” A N Stop to the serial interface. If the EEPROM acknowledges this sequence it is in a defined state. Maybe it is necessary to perform this sequence twice. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |