Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T48C893 Datasheet(PDF) 64 Page - ATMEL Corporation

Part # T48C893
Description  The multiple times programmable (MTP) version for the MARC4 ROM types
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T48C893 Datasheet(HTML) 64 Page - ATMEL Corporation

Back Button T48C893 Datasheet HTML 60Page - ATMEL Corporation T48C893 Datasheet HTML 61Page - ATMEL Corporation T48C893 Datasheet HTML 62Page - ATMEL Corporation T48C893 Datasheet HTML 63Page - ATMEL Corporation T48C893 Datasheet HTML 64Page - ATMEL Corporation T48C893 Datasheet HTML 65Page - ATMEL Corporation T48C893 Datasheet HTML 66Page - ATMEL Corporation T48C893 Datasheet HTML 67Page - ATMEL Corporation T48C893 Datasheet HTML 68Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 82 page
background image
T48C893
Rev. A4, 22-Jan-02
64 (82)
Combination mode 4: Manchester modulation 2
SSI mode 1:
8-bit shift register internal data output (SO) to the Timer 2 modulator stage
Timer 2 mode 3:
8-bit compare counter and 4-bit prescaler
Timer 2 output mode 5:
The modulator 2 of Timer 2 modulates the SSI data output to Manchester code
The 4 bit stage can be used as prescaler for the SSI to generate the stop signal for modulator 2. The SSI has a special
mode to supply the prescaler with the shiftclock. The control output signal (OMSK) of the SSI is used as stop signal
for the modulator. This is an example for a 12-bit Manchester telegram:
00
00
000
0
1
2
3
4
0
1
2
0
Counter 2/1 = Compare Register 2/1 (= 4)
Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0
SCLI
Buffer full
SIR
SO
SC
MSM
Timer 2
Mode 3
SCL
Counter 2/1
OMSK
T2O
13837
3
Figure 72. Manchester modulation 2
Combination mode 5: Biphase modulation 2
SSI mode 1:
8-bit shift register internal data output (SO) to the Timer 2 modulator stage
Timer 2 mode 3:
8-bit compare counter and 4-bit prescaler
Timer 2 output mode 4:
The modulator 2 of Timer 2 modulates the SSI data output to Biphase code
The 4-bit stage can be used as prescaler for the SSI to generate the stop signal for modulator 2. The SSI has a special
mode to supply the prescaler via the shift-clock. The control output signal (OMSK) of the SSI is used as stop signal
for the modulator. This is an example for a 13-bit Biphase telegram:
0
000
000
0
1
2
3
4
5
0
Counter 2/1 = Compare Register 2/1 (= 5)
Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0
SCLI
Buffer full
SIR
SO
SC
MSM
Timer 2
Mode 3
SCL
Counter 2/1
OMSK
T2O
13838
01
2
Figure 73. Biphase modulation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com