Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T48C893 Datasheet(PDF) 73 Page - ATMEL Corporation

Part # T48C893
Description  The multiple times programmable (MTP) version for the MARC4 ROM types
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T48C893 Datasheet(HTML) 73 Page - ATMEL Corporation

Back Button T48C893 Datasheet HTML 69Page - ATMEL Corporation T48C893 Datasheet HTML 70Page - ATMEL Corporation T48C893 Datasheet HTML 71Page - ATMEL Corporation T48C893 Datasheet HTML 72Page - ATMEL Corporation T48C893 Datasheet HTML 73Page - ATMEL Corporation T48C893 Datasheet HTML 74Page - ATMEL Corporation T48C893 Datasheet HTML 75Page - ATMEL Corporation T48C893 Datasheet HTML 76Page - ATMEL Corporation T48C893 Datasheet HTML 77Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 82 page
background image
T48C893
T48C893
Rev. A4, 22-Jan-02
73 (82)
5.1
Serial Interface
The EEPROM uses an I2C-like two-wire serial interface
to the microcontroller for read and write accesses to the
data. It is considered to be a slave in all these applications.
That means, the controller has to be the master that
initiates the data transfer and provides the clock for
transmit and receive operations.
The serial interface is controlled by the microcontroller
which generates the serial clock and controls the access
via the SCL-line and SDA-line. SCL is used to clock the
data into and out of the device. SDA is a bidirectional line
that is used to transfer data into and out of the device. The
following protocol is used for the data transfers.
Serial Protocol
D Data states on the SDA-line changing only while SCL
is low.
D Changes on the SDA-line while SCL is high are
interpreted as START or STOP condition.
D A START condition is defined as high to low transi-
tion on the SDA-line while the SCL-line is high.
D A STOP condition is defined as low to high transition
on the SDA-line while the SCL-line is high.
D Each data transfer must be initialized with a START
condition and terminated with a STOP condition. The
START condition wakes the device from standby
mode and the STOP condition returns the device to
standby mode.
D A receiving device generates an acknowledge (A)
after the reception of each byte. This requires an
additional clock pulse, generated by the master. If the
reception was successful the receiving master or slave
device pulls down the SDA-line during that clock
cycle. If an acknowledge is not detected (N) by the
interface in transmit mode, it will terminate further
data transmissions and go into receive mode. A master
device must finish its read operation by a non-ac-
knowledge and then send a stop condition to bring the
device into a known state.
Start
condition
Data
valid
Data
change
Data/
acknowledge
valid
Stop
condition
13884
SCL
SDA
Stand
by
Stand-
by
Figure 87. I2C protocol
D Before the START condition and after the STOP
condition the device is in stand-by mode and the SDA
line is switched as input with pull-up resistor.
D The control byte that follows the START condition de-
termines the following operation. It consists of the
5-bit row address, 2 mode control bits and the READ
/ NWRITE bit that is used to control the direction of
the following transfer. A ”0” defines a write access
and a ”1” a read access.
D Control byte format:
EEPROM address
Mode control
bits
Read/
NWrite
Start
A4
A3
A2
A1
A0
C1
C0
R/NW
Ackn
D Control byte format:
Start
Control byte
Ackn
Data byte
Ackn
Data byte
Ackn
Stop



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com