| Electronic Components Datasheet Search |
|
T48C893 Datasheet(PDF) 43 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
T48C893 Datasheet(HTML) 43 Page - ATMEL Corporation |
|
43 / 82 page ![]() T48C893 T48C893 Rev. A4, 22-Jan-02 43 (82) 8-bit comparator Compare register 1 RES Capture register 8-bit counter 13809 Compare register 2 Control C31 C32 Control T3SM1 NQ D T3RM1 T3IM1 T3TM1 TOG2 T3I T3TM2 T3IM2 T3RM2 T3SM2 NQ D CL3 T3EIM TOG3 INT5 CM31 CM32 : T3M1 : T3M2 Figure 45. Counter 3 stage Timer / Counter Modes Timer 3 has 6 timer modes and 6 modulator/demodulator modes. The mode is set via the Timer 3 Mode Register T3M. In all these modes, the compare register and the compare- mode register belonging to it define the counter value for a compare match and the action of a compare match. A match of the current counter value with the content of one compare register triggers a counter reset, a Timer 3 interrupt or the toggling of the output flip-flop. The compare mode registers T3M1 and T3M2 contain the mask bits for enabling or disabling these actions. The counter can also be enabled to execute single actions with one or both compare registers. If this mode is set the corresponding compare match event is generated only once after the counter start. Most of the timer modes use its compare registers alternately. After the start has been activated, the first comparison is carried out via the compare register 1, the second is carried out via the compare register 2, the third is carried out again via the compare register 1 and so on. This makes it easy to generate signals with constant periods and variable duty cycle or to generate signals with variable pulse and space widths. If single-action mode is set for one compare register, the comparison is always carried out after the first cycle via the other compare register. The counter can be started and stopped via the control register T3C. This register also controls the initial level of the output before start. T3C contains the interrupt mask for a T3I input interrupt. Via the Timer 3 clock-select register, the internal or external clock source can be selected. This register selects also the active edge of the external input. An edge at the external input T3I can generate also an interrupt if the T3EIM-bit is set and the Timer 3 is stopped (T3R = 0) in the T3C-register. The status of the timer as well as the occurrence of a compare match or an edge detect of the input signal is indicated by the status register T2ST. This allows identification of the interrupt source because all these events share only one timer interrupt. Timer 3 compare data values The Timer 3 has two 8-bit compare registers (T3CO1, T3CO2). The compare data value can be ‘m’ for each of the Timer 3 compare registers. The compare data value for the compare registers is: m = x +1 0 ≤ x ≤ 255 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |