Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T48C893 Datasheet(PDF) 76 Page - ATMEL Corporation

Part # T48C893
Description  The multiple times programmable (MTP) version for the MARC4 ROM types
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T48C893 Datasheet(HTML) 76 Page - ATMEL Corporation

Back Button T48C893 Datasheet HTML 72Page - ATMEL Corporation T48C893 Datasheet HTML 73Page - ATMEL Corporation T48C893 Datasheet HTML 74Page - ATMEL Corporation T48C893 Datasheet HTML 75Page - ATMEL Corporation T48C893 Datasheet HTML 76Page - ATMEL Corporation T48C893 Datasheet HTML 77Page - ATMEL Corporation T48C893 Datasheet HTML 78Page - ATMEL Corporation T48C893 Datasheet HTML 79Page - ATMEL Corporation T48C893 Datasheet HTML 80Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 82 page
background image
T48C893
Rev. A4, 22-Jan-02
76 (82)
6
Electrical Characteristics
6.1
Absolute Maximum Ratings
Voltages are given relative to VSS
Parameters
Symbol
Value
Unit
Supply voltage
VDD
–0.3 to + 6.5
V
Input voltage (on any pin)
VIN
VSS –0.3
VIN VDD +0.3
V
Output short circuit duration
tshort
indefinite
s
Operating temperature range
Tamb
–40 to +85
°C
Storage temperature range
Tstg
–40 to +130
°C
Thermal resistance (SSO20)
RthJA
140
K/W
Soldering temperature (t
≤ 10 s)
Tsld
260
°C
Stresses
greater than those listed under absolute
maximum ratings may cause permanent damage to the
device. This is a stress rating only and functional
operation of the device at any condition above those
indicated in the operational section of this specification
is not implied. Exposure to absolute maximum rating
condition for an extended period may affect device
reliability. All inputs and outputs are protected against
high electrostatic voltages or electric fields. However,
precautions to minimize the build-up of electrostatic
charges during handling are recommended. Reliability of
operation is enhanced if unused inputs are connected to
an appropriate logic voltage level (e.g. VDD).
6.2
DC Operating Characteristics
VSS = 0 V, Tamb = –40 to 85
°C unless otherwise specified.
Parameters
Test Conditions / Pins
Symbol
Min.
Typ.
Max.
Unit
Power supply
Operating voltage at VDD
VDD
VPOR
6.5
V
Active current
CPU active
fSYSCL = 1 MHz
VDD = 1.8 V
VDD = 3.0 V
VDD = 6.5 V
IDD
0.2
0.3
0.7
0.4
1.0
mA
mA
mA
Power down current
(CPU sleep,
RC oscillator active,
4-MHz quartz-osc. active)
fSYSCL = 1 MHz
VDD = 1.8 V
VDD = 3.0 V
VDD = 6.5 V
IPD
40
70
200
150
mA
mA
mA
Sleep current
(CPU sleep,
32-kHz quartz-osc. active
4-MHz quartz-osc. inactive)
VDD = 1.8 V
VDD = 3.0 V
VDD = 6.5 V
ISleep
0.4
0.6
0.8
1.5
2.0
µA
µA
µA
Sleep current
(CPU sleep,
32-kHz quartz-osc. inactive
4-MHz quartz-osc. inactive)
VDD = 3.0 V
VDD = 6.5 V
ISleep
0.3
0.6
1.0
1.8
µA
µA
Pin capacitance
Any pin to VSS
CL
7
10
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com