Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T48C893 Datasheet(PDF) 8 Page - ATMEL Corporation

Part # T48C893
Description  The multiple times programmable (MTP) version for the MARC4 ROM types
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T48C893 Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button T48C893 Datasheet HTML 4Page - ATMEL Corporation T48C893 Datasheet HTML 5Page - ATMEL Corporation T48C893 Datasheet HTML 6Page - ATMEL Corporation T48C893 Datasheet HTML 7Page - ATMEL Corporation T48C893 Datasheet HTML 8Page - ATMEL Corporation T48C893 Datasheet HTML 9Page - ATMEL Corporation T48C893 Datasheet HTML 10Page - ATMEL Corporation T48C893 Datasheet HTML 11Page - ATMEL Corporation T48C893 Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 82 page
background image
T48C893
Rev. A4, 22-Jan-02
8 (82)
3.2
Components of MARC4 Core
EEPROM
(4 K x 8 bit)
Zero page
FFFh
7FFh
1FFh
000h
1F0h
1F8 h
010h
018h
000h
00 8h
020h
1E8h
1E0h
14 0h
18 0h
04 0h
0C0h
00 8h
$AUTO SLEEP
$RESET
INT0
INT1
INT2
INT3
INT4
INT5
INT6
INT7
1E0h
1C0h
100h
080h
Zero
pag e
000h
Figure 4. ROM map of T48C893
The core contains ROM, RAM, ALU, program counter,
RAM address registers, instruction decoder and interrupt
controller.
The
following
sections
describe
each
functional block in more detail:
3.2.1
Program Memory
The program memory (EEPROM) is programmed with
the application program. The EEPROM is addressed by
a 12-bit wide program counter, thus predefining a
maximum program bank size of 4 Kbytes. The lowest user
program-memory address segment is taken up by a 512
byte zero page which contains predefined start addresses
for interrupt
service routines and special subroutines
accessible with single byte instructions (SCALL).
The corresponding memory map is shown in figure 4.
Look-up tables of constants can also be held in ROM and
are
accessed via the MARC4’s
built-in
TABLE
instruction.
3.2.2
RAM
The T48C893 contains 256 x 4-bit wide static random
access memory (RAM). It is used for the expression stack,
the return stack and data memory for variables and arrays.
The RAM is addressed by any of the four 8-bit wide RAM
address registers SP, RP, X and Y.
Expression Stack
The 4-bit wide expression stack is addressed with the
expression stack pointer (SP). All arithmetic, I/O and
memory reference operations take their operands from,
and return their results to the expression stack. The
MARC4 performs the operations with the top of stack
items (TOS and TOS–1). The TOS register contains the
top element of the expression stack and works in the same
way as an accumulator. This stack is also used for passing
parameters between subroutines and as a scratch pad area
for temporary storage of data.
Return Stack
The 12-bit wide return stack is addressed by the return
stack pointer (RP). It is used for storing return addresses
of subroutines, interrupt routines and for keeping loop
index counts. The return stack can also be used as a
temporary storage area.
The MARC4 instruction set supports the exchange of data
between the top elements of the expression stack and the
return stack. The two stacks within the RAM have a user
definable location and maximum depth.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com