Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T48C893 Datasheet(PDF) 16 Page - ATMEL Corporation

Part # T48C893
Description  The multiple times programmable (MTP) version for the MARC4 ROM types
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T48C893 Datasheet(HTML) 16 Page - ATMEL Corporation

Back Button T48C893 Datasheet HTML 12Page - ATMEL Corporation T48C893 Datasheet HTML 13Page - ATMEL Corporation T48C893 Datasheet HTML 14Page - ATMEL Corporation T48C893 Datasheet HTML 15Page - ATMEL Corporation T48C893 Datasheet HTML 16Page - ATMEL Corporation T48C893 Datasheet HTML 17Page - ATMEL Corporation T48C893 Datasheet HTML 18Page - ATMEL Corporation T48C893 Datasheet HTML 19Page - ATMEL Corporation T48C893 Datasheet HTML 20Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 82 page
background image
T48C893
Rev. A4, 22-Jan-02
16 (82)
3.4.1
Voltage Monitor Control / Status Register
Primary register address: ’F’hex
Bit 3
Bit 2
Bit 1
Bit 0
VMC: Write
VM2
VM1
VM0
VIM
Reset value: 1111b
VMST: Read
–––
–––
reserved
VMS
Reset value: xx11b
VM2: Voltage monitor Mode bit 2
VM1: Voltage monitor Mode bit 1
VM0: Voltage monitor Mode bit 0
VM2
VM1
VM0
Function
1
1
1
Disable voltage monitor
1
1
0
External (VIM-input), internal reference threshold (1.3 V), interrupt with negative slope
1
0
1
Not allowed
1
0
0
External (VMI-input), internal reference threshold (1.3 V), interrupt with positive slope
0
1
1
Internal (supply voltage), high threshold (3.0 V), interrupt with negative slope
0
1
0
Internal (supply voltage), middle threshold (2.6 V), interrupt with negative slope
0
0
1
Internal (supply voltage), low threshold (2.2 V), interrupt with negative slope
0
0
0
Not allowed
VIM Voltage Interrupt Mask bit
VIM = 0, voltage monitor interrupt is enabled
VIM = 1, voltage monitor interrupt is disabled
VMS Voltage Monitor Status bit
VMS = 0, the voltage at the comparator input is below Vref
VMS = 1, the voltage at the comparator input is above Vref
V
DD
Low threshold
Middle threshold
High threshold
VMS = 1
Low threshold
Middle threshold
High threshold
VMS = 0
3.0 V
2.6 V
2.2 V
13755
Figure 12. Internal supply voltage supervisor
1.3 V
VMI
VMS = 1
VMS = 0
Positive slope
Negative slope
VMS = 1
VMS = 0
Interrupt negative slope
Interrupt positive slope
Internal reference level
t
13756
Figure 13. External input voltage supervisor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com