Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T48C893 Datasheet(PDF) 24 Page - ATMEL Corporation

Part # T48C893
Description  The multiple times programmable (MTP) version for the MARC4 ROM types
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T48C893 Datasheet(HTML) 24 Page - ATMEL Corporation

Back Button T48C893 Datasheet HTML 20Page - ATMEL Corporation T48C893 Datasheet HTML 21Page - ATMEL Corporation T48C893 Datasheet HTML 22Page - ATMEL Corporation T48C893 Datasheet HTML 23Page - ATMEL Corporation T48C893 Datasheet HTML 24Page - ATMEL Corporation T48C893 Datasheet HTML 25Page - ATMEL Corporation T48C893 Datasheet HTML 26Page - ATMEL Corporation T48C893 Datasheet HTML 27Page - ATMEL Corporation T48C893 Datasheet HTML 28Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 82 page
background image
T48C893
Rev. A4, 22-Jan-02
24 (82)
4.2.2
Bidirectional Port 2
This, and all other bidirectional ports include a bitwise
programmable Control Register (P2CR), which enables
the individual programming of each port bit as input or
output. It also opens up the possibility of reading the pin
condition when in output mode. This is a useful feature
for self testing and for serial bus applications.
Port 2 however, has an increased drive capability and an
additional low resistance pull-up/-down transistor mask
option.
Master reset
Q
Q
BP2y
Mask options
*
*
P2DATy
P2CRy
I/O Bus
D
I/O Bus
I/O Bus
*
*
Switched
Switched
V
DD
*
Static
Pull-up
(Data out)
(Direction)
*
S
D
*
S
*
V
DD
Static
Pull-down
pull-down
pull-up
Figure 23. Bidirectional Port 2
Port 2 Data Register (P2DAT)
Primary register address: ’2’hex
Bit 3 *
Bit 2
Bit 1
Bit 0
P2DAT
P2DAT3
P2DAT2
P2DAT1
P2DAT0
Reset value: 1111b
* Bit 3 –> MSB, Bit 0 –> LSB
Port 2 Control Register (P2CR)
Auxiliary register address: ’2’hex
Bit 3
Bit 2
Bit 1
Bit 0
P2CR
P2CR3
P2CR2
P2CR1
P2CR0
Reset value: 1111b
Value: 1111b means all pins in input mode
Code
3 2 1 0
Function
x x x 1
BP20 in input mode
x x x 0
BP20 in output mode
x x 1 x
BP21 in input mode
x x 0 x
BP21 in output mode
x 1 x x
BP22 in input mode
x 0 x x
BP22 in output mode
1 x x x
BP23 in input mode
0 x x x
BP23 in output mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com