Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T48C893 Datasheet(PDF) 20 Page - ATMEL Corporation

Part # T48C893
Description  The multiple times programmable (MTP) version for the MARC4 ROM types
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T48C893 Datasheet(HTML) 20 Page - ATMEL Corporation

Back Button T48C893 Datasheet HTML 16Page - ATMEL Corporation T48C893 Datasheet HTML 17Page - ATMEL Corporation T48C893 Datasheet HTML 18Page - ATMEL Corporation T48C893 Datasheet HTML 19Page - ATMEL Corporation T48C893 Datasheet HTML 20Page - ATMEL Corporation T48C893 Datasheet HTML 21Page - ATMEL Corporation T48C893 Datasheet HTML 22Page - ATMEL Corporation T48C893 Datasheet HTML 23Page - ATMEL Corporation T48C893 Datasheet HTML 24Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 82 page
background image
T48C893
Rev. A4, 22-Jan-02
20 (82)
System Configuration Register (SC)
Primary register address: ’3’hex
Bit 3
Bit 2
Bit 1
Bit 0
SC: write
BOT
–––
OS1
OS0
Reset value: 1x11b
BOT
Brown-Out Threshold
BOT = 1, low brown-out voltage threshold (1.7 V)
BOT = 0, high brown-out voltage threshold (2.0 V)
OS1
Oscillator Select 1
OS0
Oscillator Select 0
Mode
OS1
OS0
Input for SUBCL
Selected Oscillators
1
1
1
Cin / 16
RC–oscillator 1 and external input clock
2
0
1
Cin / 16
RC-oscillator 1 and RC-oscillator 2
3
1
0
Cin / 16
RC-oscillator 1 and 4-MHz crystal oscillator
4
0
0
32 kHz
RC-oscillator 1 and 32-kHz crystal oscillator
If the bit CCS = 0 in the CM-register the RC-oscillator 1 always stops.
3.6
Power-down Modes
The sleep mode is a shut-down condition which is used to
reduce the average system power consumption in applica-
tions where the
µC is not fully utilized. In this mode, the
system clock is stopped. The sleep mode is entered via the
SLEEP instruction. This instruction sets the interrupt en-
able bit (I) in the condition code register to enable all
interrupts and stops the core. During the sleep mode the
peripheral modules remain active and are able to generate
interrupts. The
µC exits the sleep mode by carrying out
any interrupt or a reset.
The sleep mode can only be kept when none of the inter-
rupt pending or active register bits are set. The application
of the $AUTOSLEEP routine ensures the correct function
of the sleep mode. For standard applications use the $AU-
TOSLEEP routine to enter the power-down mode. Using
the SLEEP instruction instead of the $AUTOSLEEP fol-
lowing an I/O instruction requires to insert 3 non I/O
instruction cycles (for example NOP NOP NOP) between
the IN or OUT command and the SLEEP command.
The total power consumption is directly proportional to
the active time of the
µC. For a rough estimation of the
expected average system current consumption, the fol-
lowing formula should be used:
Itotal (VDD,fsyscl) = ISleep + (IDD
tactive / ttotal)
IDD depends on VDD and fsyscl.
The T48C893 has various power-down modes. During
the sleep mode the clock for the MARC4 core is stopped.
With the NSTOP-bit in the clock management register
(CM) it is programmable if the clock for the on–chip pe-
ripherals is active or stopped during the sleep mode. If the
clock for the core and the peripherals is stopped the se-
lected oscillator is switched off. An exception is the
32-kHz oscillator, if it is selected it runs continously inde-
pendent of the NSTOP-bit. If the oscillator is stopped or
the 32 kHz oscillator is selected, power consumption is
extremely low.
Table 5 Power-down modes
Mode
CPU Core
Osc-Stop*
Brown-out
Function
RC-Oscillator 1
RC-Oscillator 2
4-MHz Oscillator
32-kHz
Oscillator
External Input
Clock
Active
RUN
NO
Active
RUN
RUN
YES
Power-down
SLEEP
NO
Active
RUN
RUN
YES
SLEEP
SLEEP
YES
STOP
STOP
RUN
STOP
* Osc-Stop = SLEEP & NSTOP & WDL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com