Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSP56857 Datasheet(PDF) 337 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 337 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 333Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 334Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 335Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 336Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 337Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 338Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 339Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 340Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 341Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 337 / 662 page
background image
Register Descriptions (ESSI0_BASE = $1FFE20, ESSI1_BASE = $1FFE00)
Enhanced Synchronous Serial Interface (ESSI), Rev. 4
Freescale Semiconductor
12-37
12.8.7.16 Transmit FIFO Empty (TFE)—Bit 0
This flag bit is set when the transmit section is programmed with an enabled TXFIFO and the
data level in the TXFIFO falls below the selected Transmit FIFO Watermark (TFWM) threshold.
When set, the TFE bit indicates data can be written to the TXFIFO register. The TFE bit is
cleared by writing data to the STX register until the TXFIFO data content level reaches the water-
mark level.
Note:
An interrupt is generated only if both TFE and the TIE bits are set if a transmit FIFO is
enabled.
The TFE bit is set by Power-On Reset (POR) and when ESSI is disabled (ESSIEN = 0).
12.8.8 ESSI Control Register 2 (SCR2)
The ESSI Control Register 2 (SCR2) is one of five 16-bit, read/write control registers used to
direct the operation of the ESSI. The ESSI reset is controlled by a bit in SCR2. Interrupt enable
bits for the receive and transmit sections are provided in this control register. ESSI operating
modes are also selected in this register.
The Power-On Reset (POR) clears all SCR2 bits. The ESSI reset (ESSIEN = 0) does not affect
the SCR2 bits. The SCR2 bits are described in the following paragraphs.
Note:
As with all on-chip peripheral interrupts, the interrupt controller must be configured to
allow ESSI maskable interrupts and determine their interrupt priority level, before
enabling them in this register.
Figure 12-22. ESSI Control Register 2 (SCR2)
See Programmer’s Sheet on Appendix page B - 72
Base + $5
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
RIE
TIE
RE
TE0
TE1
TE2
SYN TSHFD TSCKP ESSIEN
NET
TFSI TFSL TEFS
Write
Reset
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com