Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSP56857 Datasheet(PDF) 341 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 341 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 337Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 338Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 339Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 340Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 341Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 342Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 343Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 344Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 345Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 341 / 662 page
background image
Register Descriptions (ESSI0_BASE = $1FFE20, ESSI1_BASE = $1FFE00)
Enhanced Synchronous Serial Interface (ESSI), Rev. 4
Freescale Semiconductor
12-41
12.8.8.7 Transmit Enable 2 (TE2)—Bit 10
This control bit enables the transfer of the contents of the STX2 register to its Transmit Data Shift
Register 2 (TXSR2). The TE2 bit is functional when the ESSI is in the Synchronous mode. It is
ignored when the ESSI is in the Asynchronous mode.
•
0 = The transmitter continues to send the data currently in TXSR2, then disables the
transmitter. The serial output is tri-stated and any data present in the STX2 register is not
transmitted; that is to say, data can be written to the STX2 register with the TE2 and TDE
bits cleared, but data is not transferred to the TXSR2.
•
1 = On the next frame boundary, the transmit 2 portion of the ESSI is enabled for that
frame. With internally generated clocks, the frame boundary will occur within a word
time. If the TE2 bit is cleared, then set again during the same transmitted word, the data
continues to be transmitted. If the TE2 bit is set again during a different time slot, data is
not transmitted until the next frame boundary.
When the TE2 bit remains clear until the start of the next frame, it causes the SC1 signal to act as
a serial I/O flag from the start of the frame in both Normal and Network modes.
The Normal Transmit Enable sequence is to write data to the STX2 register or to the STSR before
setting the TE2 bit. The Normal Transmit Disable sequence is to clear the TE2 bit and the TIE bit
after the TDE bit is set. This bit should be cleared when clearing ESSIEN.
Note:
Setting the TE2 bit does not affect the generation of frame sync or output flags.
12.8.8.8 Reserved—Bits 9–8
These bits are reserved or not implemented. They cannot be read nor modified by writing.
12.8.8.9 Synchronous Mode (SYN)—Bit 7
This control bit enables the Synchronous mode of operation. In this mode, the transmit and
receive sections share a common clock pin (SCK) and frame sync pin (SC2). Table 12-3
illustrates the clock configuration options. Table 12-4 illustrates the frame sync options.
Note:
Synchronous mode operation with all transmitters disabled and the receiver enabled
requires an externally generated frame sync.
12.8.8.10 Transmit Shift Direction (TSHFD)—Bit 6
This bit controls whether the MSB or LSB is transmitted first for the transmit section.
•
0 = MSB is transmitted first.
•
1 = LSB is transmitted first.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com