Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSP56857 Datasheet(PDF) 342 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 342 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 338Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 339Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 340Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 341Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 342Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 343Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 344Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 345Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 346Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 342 / 662 page
background image
Register Descriptions (ESSI0_BASE = $1FFE20, ESSI1_BASE = $1FFE00)
5685X Digital Signal Controller User Manual, Rev. 4
12-42
Freescale Semiconductor
Note:
The codec device labels the MSB as bit 0, whereas the ESSI labels the LSB as bit 0.
Therefore, when using a standard codec, the ESSI MSB (or codec bit 0) is shifted out
first, and the TSHFD bit should be cleared.
12.8.8.11 Transmit Clock Polarity (TSCKP)—Bit 5
This control bit determines which bit clock edge is used to clock out data in the transmit section.
•
0 = Data is clocked out on the rising edge of the bit clock.
•
1 = The falling edge of the bit clock is used to clock the data out.
12.8.8.12 ESSI Enable (ESSIEN)—Bit 4
This control bit enables and disables the ESSI.
•
0 = The ESSI is disabled and held in a reset condition. When disabled, all output pins are
tri-stated, the status register bits are preset to the same state produced by the Power-On
Reset (POR) and the Control register bits are unaffected. The contents of the STX,
TXFIFO and RXFIFO are cleared when this bit is reset. When ESSI is disabled, all
internal clocks are disabled except clocks required for register access. When clearing
ESSIEN, it is recommended to also clear RE and TE0-2.
•
1 = The ESSI is enabled, causing an output frame sync to be generated when set up for
internal frame sync, or it causes the ESSI to wait for the input frame sync when set up for
external frame sync.
12.8.8.13 Network Mode (NET)—Bit 3
This control bit selects the operational mode of the ESSI.
•
0 = Normal mode is selected.
•
1 = Network mode is selected.
12.8.8.14 Transmit Frame Sync Invert (TFSI)—Bit 2
This control bit selects the logic of frame sync I/O.
•
0 = Frame sync is active high
•
1 = Frame sync is active low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com