Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSP56857 Datasheet(PDF) 339 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 339 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 335Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 336Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 337Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 338Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 339Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 340Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 341Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 342Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 343Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 339 / 662 page
background image
Register Descriptions (ESSI0_BASE = $1FFE20, ESSI1_BASE = $1FFE00)
Enhanced Synchronous Serial Interface (ESSI), Rev. 4
Freescale Semiconductor
12-39
If the transmit FIFO is disabled:
•
0 = No interrupt is generated.
•
1 = An interrupt is generated when the TDE flag in the SSR is set. One value can be
written to each of the enabled STX0-2 registers when this interrupt occurs.
If the transmit FIFO is enabled:
•
0 = No interrupt is generated.
•
1 = An interrupt is generated when the TFE flag in the SSR is set. When this interrupt
occurs, up to eight values can be written to each of the enabled STX0-2 registers,
depending on the level of the TXFIFO watermark.
The TDE bit always indicates the STX register empty condition even when the transmitter is
disabled by the Transmit Enable (TE) bits in the SCR2. Writing data to the STX register or STSR
clears the TDE bit, thus clearing the interrupt. Two transmit data interrupts with separate
interrupt vectors are available:
1. Transmit data with exception status
2. Transmit data without exceptions
12.8.8.3 Table 12-14 lists the conditions these interrupts are generated.
12.8.8.4 Receive Enable (RE)—Bit 13
This control bit enables the receive portion of the ESSI.
•
0 = Receiver is disabled by inhibiting data transfer into the SRX. If data is being received
when this bit is cleared, the rest of the word is not shifted in, or is it transferred to the SRX
register.
•
1 = Receive portion of the ESSI is enabled and received data will be processed starting
with the next receive frame sync.
If the RE bit is re-enabled during a time slot before the second to last bit, then the word will be
received. It is recommended to clear this bit when clearing ESSIEN.
Table 12-14.
ESSI Transmit Data Interrupts 1
1.
Table 12-27 provides a complete list of interrupts.
Interrupt
TIE
Selection Control
TUE
TFEN = 0
TFEN = 1
Transmit Data with Exception Status
1
TDE = 1
TFE = 1
1
Transmit Date without Exception Status
1
TDE = 1
TFE = 1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com